Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VSP5010PMG6 Datasheet(PDF) 3 Page - Texas Instruments

Part # VSP5010PMG6
Description  12-Bit, 31-MSPS, Dual-Channel CCD ANALOG FRONT-END FOR DIGITAL COPIERS
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5010PMG6 Datasheet(HTML) 3 Page - Texas Instruments

  VSP5010PMG6 Datasheet HTML 1Page - Texas Instruments VSP5010PMG6 Datasheet HTML 2Page - Texas Instruments VSP5010PMG6 Datasheet HTML 3Page - Texas Instruments VSP5010PMG6 Datasheet HTML 4Page - Texas Instruments VSP5010PMG6 Datasheet HTML 5Page - Texas Instruments VSP5010PMG6 Datasheet HTML 6Page - Texas Instruments VSP5010PMG6 Datasheet HTML 7Page - Texas Instruments VSP5010PMG6 Datasheet HTML 8Page - Texas Instruments VSP5010PMG6 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
ELECTRICAL CHARACTERISTICS
VSP5010
www.ti.com ................................................................................................................................................................................................ SBES014 – AUGUST 2008
Over operating free-air temperature range, unless otherwise noted.
VSP5010PM
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RESOLUTION
Resolution
12
Bits
SIGNAL PASS
Signal pass
2
Channels
MAXIMUM CONVERSION RATE
Maximum conversion rate
30
MHz
DIGITAL INPUT
VT+
Positive-going threshold
1.8
V
Input voltage
VT–
Negative-going threshold
1.1
V
IIH
Logic high, VIN = +3 V
±20
µA
Input current
IIL
Logic low, VIN = 0 V
±20
µA
VCC +
Input limit
–0.3
V
0.3
SYSCLK clock duty cycle
50
%
Input capacitance
5
pF
DIGITAL OUTPUT (Even Channel and Odd Channel)
Logic family
CMOS
Logic coding
Straight Binary
Multiplexing frequency
60
MHz
VOH
Logic high, IOH = –2 mA
2.5
V
Output voltage
VOL
Logic low, IOL = 2 mA
0.4
V
ANALOG INPUT (CCDIN)
Input level for full-scale output
DPGA gain = 0 dB
1400
mV
Allowable feed-through level
1.0
V
Input capacitance
15
pF
Input limit
–0.3
3.6
V
TRANSFER CHARACTERISTICS
CDS mode = 0 dB, DPGA gain = 0 dB
±0.5
±1
LSB
Differential nonlinearity (DNL)
SH mode, DPGA gain = 0 dB
±0.5
±1
LSB
CDS mode = 0 dB, DPGA gain = 0 dB
±2
±4
LSB
Integral nonlinearity (INL)
SH mode, DPGA gain = 0 dB
±4
LSB
No missing codes
DPGA gain = 0 dB
Ensured
Step input settling time
Full-scale step input
1
Pixel
Overload recovery time
Step input from 2.0 V to 0 V
2
Pixels
9
Data latency
Clocks
(fixed)
DPGA gain = 0 dB
78
dB
Signal-to-noise ratio(1)
DPGA gain = +24 dB
54
dB
Channel mismatch
±3
%
CORRELATED DOUBLE SAMPLER (CDS)
Reference level sample settling time
Within 1 LSB, driver impedance = 50
8.3
ns
Data level sample settling time
Within 1 LSB, driver impedance = 50
83
ns
(1)
SNR = 20 log (16384/output rms noise in LSB), input connected to ground through capacitor.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): VSP5010


Similar Part No. - VSP5010PMG6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP5000 BURR-BROWN-VSP5000 Datasheet
170Kb / 19P
   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
logo
Texas Instruments
VSP5000 TI1-VSP5000 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
logo
Burr-Brown (TI)
VSP5000PM BURR-BROWN-VSP5000PM Datasheet
170Kb / 19P
   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
logo
Texas Instruments
VSP5000PM TI1-VSP5000PM Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP5000PMG6 TI1-VSP5000PMG6 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
More results

Similar Description - VSP5010PMG6

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
VSP5000 BURR-BROWN-VSP5000 Datasheet
170Kb / 19P
   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
logo
Texas Instruments
VSP5000PMG6 TI1-VSP5000PMG6_14 Datasheet
568Kb / 6P
[Old version datasheet]   12-BIT 30 MSPS DUAL CHANNEL CCD SIGNAL FRONT END FOR DIGITAL COPIER
VSP2560 TI1-VSP2560 Datasheet
670Kb / 32P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2560 TI1-VSP2560_14 Datasheet
1Mb / 7P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
VSP2582 TI1-VSP2582 Datasheet
780Kb / 28P
[Old version datasheet]   CCD ANALOG FRONT-END FOR DIGITAL CAMERAS
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
TLV990-28 TI-TLV990-28 Datasheet
322Kb / 22P
[Old version datasheet]   3-V, 10-BIT, 28-MSPS AREA CCD ANALOG FRONT END
TAFE1040 TI-TAFE1040 Datasheet
53Kb / 4P
[Old version datasheet]   3 V, 10-BIT 42 MSPS, AREA CCD ANALOG FRONT-END
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
TLV990-13 TI1-TLV990-13_16 Datasheet
300Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 13-MSPS AREA CCD ANALOG FRONT END
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com