Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCD7230A Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7230A
Description  Digital Control Compatible Synchronous Buck Gate Driver with Current Sense Conditioning Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCD7230A Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCD7230A Datasheet HTML 4Page - Texas Instruments UCD7230A Datasheet HTML 5Page - Texas Instruments UCD7230A Datasheet HTML 6Page - Texas Instruments UCD7230A Datasheet HTML 7Page - Texas Instruments UCD7230A Datasheet HTML 8Page - Texas Instruments UCD7230A Datasheet HTML 9Page - Texas Instruments UCD7230A Datasheet HTML 10Page - Texas Instruments UCD7230A Datasheet HTML 11Page - Texas Instruments UCD7230A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
18
17
1
2
16
13
4
6
CSBIAS
IO
IN
SRE
VDD
3V3
AGND
ILIM
UCD7230A
CS+
BST
14
12
15
11
SW
OUT1
PVDD OUT2
10
PGND
5
CLF
8
POS
9
NEG
7
AO
20
19
3
DLY
UDG-09163
+ 0.6 V
48 x
Drive and Deadtime Control Logic
(D, 1-D)
+
Current Limit
Logic
UVLO
3V3
Reg
+
Overcurrent
Blanking
Enable
I
DLY
ILIM/10
UCD7230A
SLUS995 – NOVEMBER 2009
www.ti.com
TERMINAL FUNCTIONS (continued)
NAME
No.
I/O
DESCRIPTION
Synchronous Rectifier Enable. The SRE pin is a high impedance digital input capable of accepting 3.3-V
SRE
19
I
logic level signals, used to disable the synchronous rectifier switch. The synchronous rectifier is disabled
when this signal is low. A Schmitt trigger input comparator desensitizes this pin from external noise.
SW
15
I/O
OUT1 gate drive return and square wave input to output inductor.
Supply input pin to power the internal circuitry except the driver outputs. The UCD7230A accepts an input
VDD
18
-
range of 4.5 V to 15.5 V.
FUNCTIONAL BLOCK DIAGRAM
8
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): UCD7230A


Similar Part No. - UCD7230A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI1-UCD7230 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230PWP TI-UCD7230PWP Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7230PWP TI-UCD7230PWP Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
More results

Similar Description - UCD7230A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCD7230 TI1-UCD7230_16 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230_07 Datasheet
957Kb / 33P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers with Current Sense Conditioning Amplifier
UCD7230 TI-UCD7230 Datasheet
337Kb / 19P
[Old version datasheet]   Digital Control Compatible Synchronous Buck 짹4-A Drivers with Current Sense Conditioning Amplifier
UCD7232 TI1-UCD7232 Datasheet
597Kb / 30P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current
UCD7231 TI1-UCD7231 Datasheet
792Kb / 31P
[Old version datasheet]   Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
UCC7230 TI1-UCC7230 Datasheet
1Mb / 26P
[Old version datasheet]   Digital Control Compatible Synchronous Buck Gate Drivers
TPS51113 TI-TPS51113 Datasheet
2Mb / 26P
[Old version datasheet]   SYNCHRONOUS BUCK CONTROLLER WITH HIGH-CURRENT GATE DRIVER
UCD7100 TI-UCD7100 Datasheet
408Kb / 22P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짰-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_12 Datasheet
813Kb / 26P
[Old version datasheet]   Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
UCD7100 TI1-UCD7100_17 Datasheet
1Mb / 31P
[Old version datasheet]   Digital Control Compatible Single Low-Side 4-A MOSFET Driver with Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com