Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST28VF040A-150-4C-PH Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST28VF040A-150-4C-PH
Description  4 Mbit (512K x8) SuperFlash EEPROM
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST28VF040A-150-4C-PH Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST28VF040A-150-4C-PH Datasheet HTML 1Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 2Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 3Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 4Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 5Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 6Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 7Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 8Page - Silicon Storage Technology, Inc SST28VF040A-150-4C-PH Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Data Sheet
4 Mbit SuperFlash EEPROM
SST28SF040A / SST28VF040A
©2001 Silicon Storage Technology, Inc.
S71077-04-000
6/01
310
Successive Reads
An Alternative means for determining an end of a write
operation is by reading the same address for two consecu-
tive data matches.
Product Identification
The Product Identification mode identifies the device as
SST28SF/VF040A and the manufacturer as SST. This
mode may be accessed by hardware and software opera-
tions. The hardware operation is typically used by an exter-
nal programmer to identify the correct algorithm for the
SST28SF/VF040A. Users may wish to use the software
operation to identify the device (i.e., using the device ID).
For details see Table 3 for the hardware operation and Fig-
ure 19 for the software operation. The manufacturer and
device IDs are the same for both operations.
FIGURE 1: PIN ASSIGNMENTS FOR 32-LEAD PLCC
TABLE
1: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST28SF/VF040A
0001H
04H
T1.1 310
Y-Decoder
I/O Buffers and Data Latches
310 ILL B1.1
Address Buffer & Latches
X-Decoder
DQ7 - DQ0
A18 - A0
WE#
OE#
CE#
SuperFlash
Memory
Control Logic
FUNCTIONAL BLOCK DIAGRAM
5
6
7
8
9
10
11
12
13
29
28
27
26
25
24
23
22
21
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
A14
A13
A8
A9
A11
OE#
A10
CE#
DQ7
4
3
2
1
32
31 30
32-lead PLCC
Top View
310 ILL F02.3
14
15
16
17 18
19
20


Similar Part No. - SST28VF040A-150-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28VF040A-150-4C-EH SST-SST28VF040A-150-4C-EH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
SST28VF040A-150-4C-NH SST-SST28VF040A-150-4C-NH Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
More results

Similar Description - SST28VF040A-150-4C-PH

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST28SF040A SST-SST28SF040A_03 Datasheet
339Kb / 26P
   4 Mbit (512K x8) SuperFlash EEPROM
logo
Greenliant systems
GLS36VF1601G GREENLIANT-GLS36VF1601G Datasheet
1Mb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
Silicon Storage Technol...
SST36VF1602E SST-SST36VF1602E Datasheet
419Kb / 35P
   16 Mbit (x8/x16) Concurrent SuperFlash
SST36VF3203 SST-SST36VF3203 Datasheet
431Kb / 34P
   32 Mbit (x8/x16) Concurrent SuperFlash
SST36VF1601G SST-SST36VF1601G Datasheet
935Kb / 36P
   16 Mbit (x8/x16) Concurrent SuperFlash
logo
STMicroelectronics
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
M68AW511A STMICROELECTRONICS-M68AW511A Datasheet
134Kb / 21P
   4 Mbit (512K x8) 3.0V Asynchronous SRAM
M68AF511A STMICROELECTRONICS-M68AF511A Datasheet
129Kb / 18P
   4 Mbit (512K x8), 5V Asynchronous SRAM
logo
Silicon Storage Technol...
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com