Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACX301AKM Datasheet(PDF) 5 Page - Sony Corporation

Part # ACX301AKM
Description  5.1cm (2.0 Type) NTSC/PAL Color LCD Panel (Module with Backlight)
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

ACX301AKM Datasheet(HTML) 5 Page - Sony Corporation

  ACX301AKM Datasheet HTML 1Page - Sony Corporation ACX301AKM Datasheet HTML 2Page - Sony Corporation ACX301AKM Datasheet HTML 3Page - Sony Corporation ACX301AKM Datasheet HTML 4Page - Sony Corporation ACX301AKM Datasheet HTML 5Page - Sony Corporation ACX301AKM Datasheet HTML 6Page - Sony Corporation ACX301AKM Datasheet HTML 7Page - Sony Corporation ACX301AKM Datasheet HTML 8Page - Sony Corporation ACX301AKM Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
– 5 –
ACX301AKM
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
TESTL
COM
VST
VCK
EN
DWN
VVDD
VSS
HVDD
VSSG
TEST2
WIDE
13
14
15
16
17
18
19
20
21
22
23
24
HST
REF
TEST
Cext/
Rext
HCK2
HCK1
PSIG
GREEN
RED
BLUE
RGT
TESTR
Start pulse input for H shift register
drive
Level shifter circuit REF voltage
input
Panel test output; no connection
Time constant power supply input
for H shift register drive
Clock input for H shift register drive
Clock input for H shift register drive
Uniformity improvement signal input
Video signal (G) input to panel
Video signal (R) input to panel
Video signal (B) input to panel
H shift register drive direction signal
input
Panel test output; no connection
Symbol
Description
Pin
No.
Symbol
Description
Panel test output; no connection
Common voltage input of panel
Start pulse input for V shift register
drive
Clock input for V shift register drive
Gate selection pulse enable input
V shift register drive direction signal
input
Power supply input for V driver
H and V driver GND
Power supply input for H driver
Negative power supply setting for
V driver
No connection inside the panel.
(with 1M
Ω terminating resistor)
Pulse input for 16:9 mode
Pin Description of Panel Block
Pin
No.
1
CH
4
CL
CCFL low voltage side connection
Symbol
Description
Pin
No.
Symbol
Description
CCFL high voltage side connection
Pin Description of Backlight Block


Similar Part No. - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX301AK ETC-ACX301AK Datasheet
39Kb / 2P
   Low-temperature Polysilicon TFT LCDs
More results

Similar Description - ACX301AKM

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
ACX302AK SONY-ACX302AK Datasheet
365Kb / 24P
   8.80cm (3.5 Type) NTSC/PAL Color LCD Panel
LCX032AK SONY-LCX032AK Datasheet
279Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AK SONY-LCX033AK Datasheet
277Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033AKB SONY-LCX033AKB Datasheet
260Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX033ANB SONY-LCX033ANB Datasheet
189Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
ACX306AK SONY-ACX306AK Datasheet
381Kb / 23P
   3.86cm (1.5 Type) NTSC/PAL Color LCD Panel
LCX032ANB SONY-LCX032ANB Datasheet
540Kb / 23P
   1.1cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX032AKB SONY-LCX032AKB Datasheet
264Kb / 23P
   1.4cm (0.44 Type) NTSC/PAL Color LCD Panel
LCX027AK SONY-LCX027AK Datasheet
202Kb / 23P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
LCX024AK SONY-LCX024AK Datasheet
212Kb / 24P
   1.4cm (0.55-inch) NTSC/PAL Color LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com