Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27200-Q1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27200-Q1
Description  120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27200-Q1 Datasheet(HTML) 2 Page - Texas Instruments

  UCC27200-Q1 Datasheet HTML 1Page - Texas Instruments UCC27200-Q1 Datasheet HTML 2Page - Texas Instruments UCC27200-Q1 Datasheet HTML 3Page - Texas Instruments UCC27200-Q1 Datasheet HTML 4Page - Texas Instruments UCC27200-Q1 Datasheet HTML 5Page - Texas Instruments UCC27200-Q1 Datasheet HTML 6Page - Texas Instruments UCC27200-Q1 Datasheet HTML 7Page - Texas Instruments UCC27200-Q1 Datasheet HTML 8Page - Texas Instruments UCC27200-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
ABSOLUTE MAXIMUM RATINGS
(1) (2)
RECOMMENDED OPERATING CONDITIONS
UCC27200-Q1
UCC27201-Q1
SLUS822A – JUNE 2008 – REVISED NOVEMBER 2008 .................................................................................................................................................. www.ti.com
ORDERING INFORMATION(1)
INPUT
TOP-SIDE
TJ
PACKAGE(2)
ORDERABLE PART NUMBER
COMPATIBILITY
MARKING
CMOS
UCC27200QDDARQ1
27200Q
–40°C to 140°C
PowerPad – DDA
Reel of 2500
TTL
UCC27201QDDARQ1
27201Q
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
over operating free-air temperature (unless otherwise noted)
VDD
Supply voltage range
–0.3 V to 20 V
VLI, VHI
Input voltages on LI and HI
–0.3 V to 20 V
DC
–0.3 V to VDD + 0.3 V
VLO
Output voltage on LO
Repetitive pulse < 100 ns
–2 V to VDD + 0.3 V
DC
VHS – 0.3 V to VHB + 0.3 V
VHO
Output voltage on HO
VHS – 2 V to VHB + 0.3 V,
Repetitive pulse < 100 ns
(VHB – VHS < 20)
DC
–1 V to 120 V
VHS
HS voltage range
Repetitive pulse < 100 ns
–5 V to 120 V
VHB
HB voltage range
–0.3 V to 120 V
HB-HS voltage range
–0.3 V to 20 V
TJ
Operating virtual-junction temperature range
–40°C to 150°C
Tstg
Storage temperature range
–65°C to 150°C
Tlead
Lead temperature
Soldering, 10 seconds
300°C
PD
Power dissipation
TA = 25°C
(3)
2.7 W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to VSS. Currents are positive into, negative out of the specified terminal.
(3)
This data was taken using the JEDEC proposed high-K test PCB (See Thermal Characteristics for details).
MIN
NOM
MAX
UNIT
VDD
Supply voltage range
8
12
17
V
HS voltage
–1
105
VHS
V
HS voltage (repetitive pulse <100 ns)
–5
110
VHS + 8,
VHS + 17,
VHB
HB voltage
V
VDD – 1
115
Voltage slew rate on HS
50
V/ns
TJ
Operating junction temperature
–40
140
°C
Human-Body Model (HBM)
2000
ESD
Electrostatic discharge protection
V
Charged-Device Model (CDM)
1000
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): UCC27200-Q1 UCC27201-Q1


Similar Part No. - UCC27200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200-Q1 TI1-UCC27200-Q1_16 Datasheet
1Mb / 34P
[Old version datasheet]   High-Frequency High-Side and Low-Side Driver
More results

Similar Description - UCC27200-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com