Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC2305-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC2305-Q1
Description  HID LAMP CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2305-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC2305-Q1 Datasheet HTML 7Page - Texas Instruments UCC2305-Q1 Datasheet HTML 8Page - Texas Instruments UCC2305-Q1 Datasheet HTML 9Page - Texas Instruments UCC2305-Q1 Datasheet HTML 10Page - Texas Instruments UCC2305-Q1 Datasheet HTML 11Page - Texas Instruments UCC2305-Q1 Datasheet HTML 12Page - Texas Instruments UCC2305-Q1 Datasheet HTML 13Page - Texas Instruments UCC2305-Q1 Datasheet HTML 14Page - Texas Instruments UCC2305-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
14-Jan-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
UCC2305TDWRQ1
ACTIVE
SOIC
DW
28
1000
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
Purchase Samples
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.
OTHER QUALIFIED VERSIONS OF UCC2305-Q1 :
Catalog: UCC2305
NOTE: Qualified Version Definitions:
Catalog - TI's standard catalog product


Similar Part No. - UCC2305-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305DW TI1-UCC2305DW Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305N TI-UCC2305N Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
More results

Similar Description - UCC2305-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2305DW TI-UCC2305DW Datasheet
393Kb / 14P
[Old version datasheet]   HID Lamp Controller
UCC2305 TI1-UCC2305_14 Datasheet
379Kb / 14P
[Old version datasheet]   HID Lamp Controller
logo
Unisonic Technologies
UH8615 UTC-UH8615 Datasheet
255Kb / 9P
   HID LAMP CONTROLLER
logo
Texas Instruments
UCC2305 TI-UCC2305 Datasheet
258Kb / 9P
[Old version datasheet]   HID Lamp Controller
logo
Hirose Electric
GT15T-2024SCF HIROSE-GT15T-2024SCF Datasheet
165Kb / 7P
   HID Lamp DII Sockets
logo
International Rectifier
IRPLHID2A IRF-IRPLHID2A Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Prolific Technology Inc...
PL23C3 PROLIFIC-PL23C3 Datasheet
118Kb / 1P
   USB HID to I2C Bridge Controller
PL23B3 PROLIFIC-PL23B3 Datasheet
119Kb / 1P
   USB HID to Serial Bridge Controller
PL23D3 PROLIFIC-PL23D3 Datasheet
118Kb / 1P
   USB HID to SPI Bridge Controller
logo
International Rectifier
IRPLHID2 IRF-IRPLHID2 Datasheet
1Mb / 30P
   HID Ballast for 70W Lamp Using the IRS2573D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com