Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU9000xGWZE2 Datasheet(PDF) 4 Page - Rohm

Part # BU9000xGWZE2
Description  Step-down Switching regulators with Built-in Power MOSFET
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU9000xGWZE2 Datasheet(HTML) 4 Page - Rohm

  BU9000xGWZE2 Datasheet HTML 1Page - Rohm BU9000xGWZE2 Datasheet HTML 2Page - Rohm BU9000xGWZE2 Datasheet HTML 3Page - Rohm BU9000xGWZE2 Datasheet HTML 4Page - Rohm BU9000xGWZE2 Datasheet HTML 5Page - Rohm BU9000xGWZE2 Datasheet HTML 6Page - Rohm BU9000xGWZE2 Datasheet HTML 7Page - Rohm BU9000xGWZE2 Datasheet HTML 8Page - Rohm BU9000xGWZE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4/21
Datasheet
BU9000xGWZ series
TSZ02201-0F2F0AG00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
04.Jul.2012 Rev.001
www.rohm.co
m
TSZ22111・
・15・
・001
Electrical Characteristic(s) (unless otherwise specified VIN=5.0V, Ta=25
)
Item
Symbol
Rating
Unit
Condition
Min.
Typ.
Max.
Switching regulator
Output voltage accuracy
VOUTA
-2
-
+2
%
MODE:H(PWM Operation)
-2
-
+3
MODE:L(PFM Operation)
Maximum load current
IoutMAX1
-
-
1.0
A
3.0V
VIN
5.5V
IoutMAX2
-
-
0.8
A
2.7V
VIN
3.0V
IoutMAX3
-
-
0.6
A
2.3V
VIN
2.7V
IoutMAX4
-
-
0.1
A
MODE:L(PFM Operation)
(BU90005GWZ,)
Soft start
Soft start time
Tss
65
120
240
usec
Frequency control
Switching frequency
fosc
5.4
6.0
6.6
MHz
No load, MODE:H
(BU90002GWZ,BU90005GWZ,
BU90006GWZ)
4.8
5.4
6.0
MHz
No load, MODE:H
(BU90004GWZ)
3.6
4.0
4.4
MHz
No load, MODE:H
(BU90003GWZ)
Driver
PchFET on resistance
RonP1
-
250
400
mOhm
VIN=5.0V
RonP2
300
450
mOhm
VIN=3.6V
NchFET on resistance
RonN1
-
220
350
mOhm
VIN=5.0V
RonN2
250
380
mOhm
VIN=3.6V
Control
EN pin control
voltage
Operation
VENH
1.4
-
VIN
V
Non Operation
VENL
0
-
0.4
V
MODE pin
control voltage
Operation
VMODEH
1.4
-
VIN
V
Forced PWM
Non Operation
VMODEL
0
-
0.4
V
Automatic PFM/PWM
(BU90005GWZ:Forced PFM)
UVLO
Protect threshold voltage
Uvth
1.95
2.05
2.15
V
Hysteresis
Uvhy
50
100
150
mV
Current limit
Current limit threshold
ILIMIT
1.5
1.7
1.9
A
PMOS current detect,
Open loop
Output discharge
Output discharge resistance
DRES
55
110
220
Ohm
EN=0V
Circuit current
Operating quiescent current
IINS1
-
45
65
uA
EN:H, MODE:L,
VOUT=3.6V forced
Not switching
(BU90003GWZ,BU90004GWZ,
BU90005GWZ,BU90007GWZ)
IINS2
-
55
80
uA
EN:H, MODE:L,
VOUT=3.6V forced
Not switching
(BU90002GWZ,BU90006GWZ)
Shutdown current
SHD
-
0
1
uA
EN=0V


Similar Part No. - BU9000xGWZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
More results

Similar Description - BU9000xGWZE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU90023NUX ROHM-BU90023NUX Datasheet
651Kb / 14P
   Step-down Switching regulators with Built-in Power MOSFET
BU9000XGWZ ROHM-BU9000XGWZ Datasheet
1Mb / 32P
   Step-down Switching regulators with Built-in Power MOSFET
BD9778F ROHM-BD9778F_10 Datasheet
676Kb / 17P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BU90104GWZ ROHM-BU90104GWZ Datasheet
672Kb / 17P
   1.0A, Step-down Switching regulators with Built-in Power MOSFET
BD9007HFP-TR ROHM-BD9007HFP-TR Datasheet
855Kb / 21P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9701FP ROHM-BD9701FP_09 Datasheet
516Kb / 17P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9673AEFJ ROHM-BD9673AEFJ Datasheet
2Mb / 23P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9006F ROHM-BD9006F Datasheet
491Kb / 18P
   Flexible Step-down Switching Regulators with Built-in Power MOSFET
BD9873CP-V5 ROHM-BD9873CP-V5 Datasheet
576Kb / 13P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
BD9325FJ ROHM-BD9325FJ Datasheet
464Kb / 15P
   Simple Step-down Switching Regulators with Built-in Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com