Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HVP-14 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # HVP-14
Description  High Voltage Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

HVP-14 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  HVP-14 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd HVP-14 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd HVP-14 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1. 产品名称: 高压二极管
2. 适用范围: 本规格书适用于 HVP 型高压二极管
3. 概要:
3.1
类型: 硅整流二极管
3.2
结构: 环氧树脂封装
4. 绝对最大值
数值 Rating
No.
项目
Item
符号
symbol
HVP
-12
HVP
-14
HVP
-15
HVP
-16
单位
Unit
条件
Conditions
1
反向重复峰值电压
Repetitive Peak Reveres
VRRM
12
14
15
16
KV
Ta=25℃
IR=0.5μA
2
反向工作峰值电压
Peak Working Revere Voltage
VRWM
12
14
15
16
KV
Ta=25℃
IR=0.5μA
3
反向不重复峰值电压
Non-Repetitive Peak Reverse Voltage
VRSM
13.2
15.4
16.5
17.6
KV
Ta=25℃
IR=0.5μA
4
最高结温
Maximum Junction Temperature
Tjmax
120
5
贮存温度
Storage Temperature
Tstg
-40~+120
6
平均正向电流
Average Forward Current
IO
1.0
A
正弦半波 50Hz,电阻
负载,Tbreak=50℃
7
正向(不重复)浪涌电流
Surge Forward Current
IFSM
50
A
正弦半波持续时间
0.01S
50Hz
5. 电特性(除非另有规定 Tamb=25℃)
数值 Rating
No.
项目
Item
符号
symbol
HVP
-12
HVP
-14
HVP
-15
HVP
-16
单位
Unit
条件
Conditions
常温反向漏电流
Normal
Temperature
Reverse
Current
IRRM1
5.0 max
μA
VR=VRRM
Tamb=25℃
高温反向漏电流
High
Temperature
Reverse
Current
IRRM2
50.0 max
μA
VR=VRRM
Tamb=80℃
正向电压
Reverse Breakdown Voltage
VF
18.0
21.0
24.0
V
IF= 1.0A
HVP Series
High Voltage Diode


Similar Part No. - HVP-14

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVP-14 GETEDZ-HVP-14 Datasheet
127Kb / 1P
   14kV 750mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
HVP-14 SUNMATE-HVP-14 Datasheet
273Kb / 1P
   HIGH VOLTAGE DIODES
logo
Anshan Leadsun Electron...
HVP-14 LEADSUN-HVP-14 Datasheet
305Kb / 1P
   High Voltage Silicon Assembly Series
logo
GETAI ELECTRONICS DEVIC...
HVP-14 GETEDZ-HVP-14_17 Datasheet
468Kb / 1P
   0.75A 14kV--High voltage silicon rectifier stack
More results

Similar Description - HVP-14

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
ESJA28 FUJI-ESJA28 Datasheet
23Kb / 2P
   HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL72 LEADSUN-2CL72 Datasheet
334Kb / 1P
   High Voltage Diode
2CL2FL LEADSUN-2CL2FL Datasheet
328Kb / 1P
   High Voltage Diode
2CL70 LEADSUN-2CL70 Datasheet
333Kb / 1P
   High Voltage Diode
2CL74A LEADSUN-2CL74A Datasheet
334Kb / 1P
   High Voltage Diode
SPF03-20 LEADSUN-SPF03-20 Datasheet
314Kb / 1P
   High Voltage Diode
SPF05-15 LEADSUN-SPF05-15 Datasheet
314Kb / 1P
   High Voltage Diode
SPF10-10 LEADSUN-SPF10-10 Datasheet
314Kb / 1P
   High Voltage Diode
SPF10-20 LEADSUN-SPF10-20 Datasheet
314Kb / 1P
   High Voltage Diode
SP5LG LEADSUN-SP5LG Datasheet
314Kb / 1P
   High Voltage Diode
2CL105 LEADSUN-2CL105 Datasheet
296Kb / 1P
   High Voltage Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com