Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8761903VFA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8761903VFA
Description  DUAL CHANNEL POWER DRIVER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8761903VFA Datasheet(HTML) 1 Page - Texas Instruments

  5962-8761903VFA Datasheet HTML 1Page - Texas Instruments 5962-8761903VFA Datasheet HTML 2Page - Texas Instruments 5962-8761903VFA Datasheet HTML 3Page - Texas Instruments 5962-8761903VFA Datasheet HTML 4Page - Texas Instruments 5962-8761903VFA Datasheet HTML 5Page - Texas Instruments 5962-8761903VFA Datasheet HTML 6Page - Texas Instruments 5962-8761903VFA Datasheet HTML 7Page - Texas Instruments 5962-8761903VFA Datasheet HTML 8Page - Texas Instruments 5962-8761903VFA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
2
3
4
5
6
7
14
13
12
11
10
9
8
15
16
INPUT B INV.
INPUT B N.I.
LATCH DISABLE
GROUND
GROUND
OUTPUT A
SHUTDOWN
+V
C
INPUT A INV.
INPUT A N.I.
+V
IN
GROUND
GROUND
OUTPUT B
ANALOG STOP NON-INV.
ANALOG STOP INV.
NOTE: All four ground pins must be connected to a
common ground.
J OR W PACKAGE
(TOP VIEW)
1
2
3
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
NC
INPUT B INV.
INPUT B I.N.
LATCH DISABLE
GROUND
NC
GROUND
OUTPUT A
SHUTDOWN
VC
INPUT A INV.
INPUT A NON INV.
VIN
GROUND
NC
GROUND
OUTPUT B
ANALOG STOP INV.
ANALOG STOP NON INV.
NC
FK PACKAGE
(TOP VIEW)
UC1707-SP
www.ti.com
SLUSAG0
– MARCH 2011
DUAL CHANNEL POWER DRIVER
Check for Samples: UC1707-SP
1
FEATURES
Rad-Tolerant: 50 kRad (Si) for
5962-8761903VEA, 5962-8761903VFA (1)
QML-V Qualified, SMD
(5962-8761901VEA, 5962-8761903VEA,
5962-8761903VFA, 5962-8761901V2A)
Two Independent Drivers
1.5-A Totem Pole Outputs
Inverting and Non-Inverting Inputs
40-ns Rise and Fall Into 1000 pF
High-Speed, Power MOSFET Compatible
Low Cross-Conduction Current Spike
Analog Shutdown With Optional Latch
Low Quiescent Current
5-V to 40-V Operation
Thermal Shutdown Protection
16-Pin Dual-In-Line Package
(1)
Radiation tolerance is a typical value based upon initial device
qualification with dose rate = 10 mrad/sec. Radiation Lot
Acceptance Testing is available - contact factory for details.
DESCRIPTION
The UC1707 power driver is made with a high-speed Schottky process to interface between low-level control
functions and high-power switching devices
–particularly power MOSFETs. The UC1707 contains two
independent channels, each of which can be activated by either a high or low input logic level signal. Each output
can source or sink up to 1.5 A as long as power dissipation limits are not exceeded.
Although each output can be activated independently with its own inputs, it can be forced low in common through
the action either of a digital high signal at the Shutdown terminal or a differential low-level analog signal. The
Shutdown command from either source can either be latching or not, depending on the status of the Latch
Disable pin.
Supply voltage for both VIN and VC can independently range from 5 V to 40 V.
TRUTH TABLE
(Each Channel)(1)
INV.
N.I.
OUT
H
H
L
L
H
H
H
L
L
L
L
L
(1)
OUT = INV and N.I.
OUT = INV or N.I.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - 5962-8761903VFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8761903VFA TI1-5962-8761903VFA Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
5962-8761903VFA TI1-5962-8761903VFA Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
5962-8761903VFA TI1-5962-8761903VFA Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
More results

Similar Description - 5962-8761903VFA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1707 TI-UC1707 Datasheet
335Kb / 8P
[Old version datasheet]   Dual Channel Power Driver
UC1707 TI1-UC1707_13 Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707-SP TI1-UC1707-SP_16 Datasheet
670Kb / 20P
[Old version datasheet]   Dual-Channel Power Driver
UC3707N TI1-UC3707N Datasheet
981Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
UC1707 TI1-UC1707_16 Datasheet
982Kb / 16P
[Old version datasheet]   DUAL CHANNEL POWER DRIVER
logo
Intersil Corporation
EL1527 INTERSIL-EL1527 Datasheet
38Kb / 2P
   Dual Channel Medium Power Differential Line Driver
EL7242 INTERSIL-EL7242_05 Datasheet
119Kb / 6P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Elantec Semiconductor
EL7242C ELANTEC-EL7242C Datasheet
187Kb / 8P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
logo
Intersil Corporation
EL7242CNZ INTERSIL-EL7242CNZ Datasheet
251Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
EL7242 INTERSIL-EL7242 Datasheet
203Kb / 9P
   Dual Input, High Speed, Dual Channel Power MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com