Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-8768102V2A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # 5962-8768102V2A
Description  RAD-TOLERANT CLASS-V, HIGH-SPEED PWM CONTROLLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-8768102V2A Datasheet(HTML) 9 Page - Texas Instruments

Back Button 5962-8768102V2A Datasheet HTML 5Page - Texas Instruments 5962-8768102V2A Datasheet HTML 6Page - Texas Instruments 5962-8768102V2A Datasheet HTML 7Page - Texas Instruments 5962-8768102V2A Datasheet HTML 8Page - Texas Instruments 5962-8768102V2A Datasheet HTML 9Page - Texas Instruments 5962-8768102V2A Datasheet HTML 10Page - Texas Instruments 5962-8768102V2A Datasheet HTML 11Page - Texas Instruments 5962-8768102V2A Datasheet HTML 12Page - Texas Instruments 5962-8768102V2A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
CONTROL METHODS
UDG-95109
UDG-95110
Current Mode
Voltage Mode
.
SYNCHRONIZATION
UDG-95113
UDG-95112
UC1825A-SP
www.ti.com ..................................................................................................................................................... SLUS873A – JANUARY 2009 – REVISED APRIL 2009
Figure 8. Control Methods
The oscillator can be synchronized by an external pulse inserted in series with the timing capacitor. Program the
free running frequency of the oscillator to be 10% to 15% slower than the desired synchronous frequency. The
pulse width should be greater than 10 ns and less than half the discharge time of the oscillator. The rising edge
of the CLK/LEB pin can be used to generate a synchronizing pulse for other chips. Note that the CLK/LEB pin no
longer accepts an incoming synchronizing signal.
Figure 9. General Oscillator Synchronization
Figure 10. Two Unit Interface
Figure 11. Operational Waveforms
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): UC1825A-SP


Similar Part No. - 5962-8768102V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
5962-8768102V2A TI-5962-8768102V2A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
5962-8768102V2A TI1-5962-8768102V2A Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
5962-8768102V2A TI1-5962-8768102V2A Datasheet
831Kb / 40P
[Old version datasheet]   Class-V, Radiation Hardened High-Speed PWM Controller
More results

Similar Description - 5962-8768102V2A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1825-SP TI-UC1825-SP_15 Datasheet
264Kb / 18P
[Old version datasheet]   RAD-TOLERANT CLASS V, HIGH-SPEED PWM CONTROLLER
UC1825A-SP TI1-UC1825A-SP_15 Datasheet
707Kb / 39P
[Old version datasheet]   Rad-Tolerant Class-V, High-Speed PWM Controller
UC1825A-DIE TI-UC1825A-DIE_15 Datasheet
153Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1825-DIE TI-UC1825-DIE_15 Datasheet
120Kb / 5P
[Old version datasheet]   RAD-TOLERANT, HIGH-SPEED PWM CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com