Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS4558RUKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TXS4558RUKR
Description  Dual-SIM Card Power Supply with Level Translator and Dedicated Dual LDO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TXS4558RUKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TXS4558RUKR Datasheet HTML 7Page - Texas Instruments TXS4558RUKR Datasheet HTML 8Page - Texas Instruments TXS4558RUKR Datasheet HTML 9Page - Texas Instruments TXS4558RUKR Datasheet HTML 10Page - Texas Instruments TXS4558RUKR Datasheet HTML 11Page - Texas Instruments TXS4558RUKR Datasheet HTML 12Page - Texas Instruments TXS4558RUKR Datasheet HTML 13Page - Texas Instruments TXS4558RUKR Datasheet HTML 14Page - Texas Instruments TXS4558RUKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
-2.4
-2.2
-2
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
3.1 3.3 3.5 3.7 3.9 4.1 4.3 4.5 4.7 4.9 5.1 5.3 5.5
V
- V
BAT
-40°C Vsim
25°C Vsim
85°C Vsim
I
= 50 mA
O
0
30
60
90
120
150
180
210
240
270
300
330
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
V
- V
BAT
-40°C Vsim
25°C Vsim
85°C Vsim
-100 A, Vsim
m
-50 mA, Vsim
-40 -30 -20 -10
0 10
20
30 40 50 60 70 80
T
- ºC
A
0
30
60
90
120
150
TXS4558
www.ti.com
SLLSE93A – SEPTEMBER 2011 – REVISED SEPTEMBER 2011
TYPICAL CHARACTERISTICS (continued)
Figure 8. Line Regulation, Iout = 50 mA, Class-B
Figure 9. Current Limit vs Input Voltage, Class-B/C
Figure 10. Ground Current vs Temperature, Class-C
Copyright © 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TXS4558


Similar Part No. - TXS4558RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS4555 TI1-TXS4555 Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RGTR TI1-TXS4555RGTR Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RGTR TI-TXS4555RGTR Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RUTR TI1-TXS4555RUTR Datasheet
579Kb / 16P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
TXS4555RUTR TI-TXS4555RUTR Datasheet
751Kb / 18P
[Old version datasheet]   1.8V/3V SIM Card Power Supply With Level Translator
More results

Similar Description - TXS4558RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS02324 TI1-TXS02324 Datasheet
608Kb / 25P
[Old version datasheet]   Dual-Supply 2:1 SIM Card Multiplexer/Translator With Slot Dedicated Dual LDO
FEBRUARY2011
TXS02326 TI-TXS02326 Datasheet
705Kb / 35P
[Old version datasheet]   DUAL-SUPPLY 2:1 SIM CARD MULTIPLEXER/TRANSLATOR WITH AUTOMATIC DETECTION AND SLOT DEDICATED DUAL LDO
logo
NXP Semiconductors
NVT4555 NXP-NVT4555 Datasheet
578Kb / 18P
   SIM card interface level translator and supply voltage LDO
Rev. 2 ??24 May 2013
NVT4555 NXP-NVT4555_V01 Datasheet
304Kb / 19P
   SIM card interface level translator and supply voltage LDO
Rev. 2.1 - 7 November 2022
logo
Linear Technology
LTC4555 LINER-LTC4555 Datasheet
102Kb / 8P
   SIM Power Supply and Level Translator
LTC4555EUD LINER-LTC4555EUD Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555L LINER-LTC1555L_15 Datasheet
142Kb / 8P
   SIM Power Supply and Level Translator
LTC4555 LINER-LTC4555_15 Datasheet
107Kb / 8P
   SIM Power Supply and Level Translator
LTC1555 LINER-LTC1555_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
LTC1556 LINER-LTC1556_15 Datasheet
245Kb / 12P
   SIM Power Supply and Level Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com