Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7803M-1000 Datasheet(PDF) 1 Page - MORNSUN Science& Technology Ltd.

Part # K7803M-1000
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7803M-1000 Datasheet(HTML) 1 Page - MORNSUN Science& Technology Ltd.

  K7803M-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7803M-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7803M-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K7803M-1000 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XXM-1000
A/4 -2011
Page 1 of 4
K78XXM-1000 Series
WIDE INPUT NON-ISOLATED & REGULATED
SINGLE OUTPUT
RoHS
FEATURES
PRODUCT PROGRAM
Input Voltage(VDC)
Output
Efficiency (%)(Typ.)
Part Number
Nominal
Range
Voltage
(VDC)
Current
(mA)
Vin
(min.)
Vin
(max.)
K7801M-1000
12
4.75-18
1.5
1000
78
72
K78X2M-1000
12
4.75-18
1.8
1000
82
76
K7802M-1000
12
4.75-18
2.5
1000
87
82
K7803M-1000
12
4.75-20
3.3
1000
90
83
K7805M-1000
12
6.5-20
5.0
1000
93
85
OUTPUT SPECIFICATIONS
Item
Test conditions
Min.
Typ.
Max.
Units
*Output voltage accuracy
100% full load, input voltage
range
±2
±3
Line regulation
Vin=min. to max, at full load
±0.5
±0.75
Load regulation
10% to 100% load
±0.5
±1.0
%
Ripple & Noise
20MHz bandwidth,
(refer to figure 3)
25
45
mVp-p
Short circuit protection
Continuous, auto-recovery
Thermal shutdown
Internal IC junction
150
°C
Output current limit
3000
mA
Switching frequency
Full load, input voltage range
335
385
435
KHz
Dynamic load stability
±100
mV
Quiescent current
Vin from min to max and at 0%
load
7
10
mA
Temperature coefficient -40
°C ~ +85°C ambient
±0.02
%/
°C
Max capacitance load
1000
μF
*K7803M-1000 is
±3.5%(MAX)
COMMON SPECIFICATIONS
Item
Test Conditions
Min.
Typ.
Max.
Units
Storage humidity range
95
%
Operating temp. range Power derating (above 71
°C)
-40
85
Storage temp. range
-55
125
Operating case temp.
100
Lead temperature
1.5mm from case for 10 seconds
300
°C
Cooling
Free air convection
Case material
Plastic (UL94-V0)
MTBF
(25℃,MIL-HDBK-217F)
2000
k hours
Weight
2.0
g
Efficiency up to 93%
Operating tem. range : -40
°C ~ +85°C
Pin-out compatible with LM78XX Linear
Short circuit protection, thermal shutdown
Low ripple and noise
Micro miniature SIP package, meet
UL94-V0 requirement
No heatsink required
Industry standard pinout
MTBE>2000KHours
APPLICATIONS
The
K78xxM-1000
series
high
efficiency
switching regulators are ideally suited to replace
78xx linear regulators and are pin compatible.
The efficiency of up to 93% means that very little
energy is wasted as heat so there is no need for
any heatsinks with their additional space and
mounting costs.
MODEL SELECTION
K7805M-1000
Product Series
Output Voltage
Output Current
P ackage S tyle
MORNSUN Science & Technology Co.,Ltd.
Address: No. 5, Kehui St. 1, Kehui development
center, Science Ave., Guangzhou Science City,
Luogang district, Guangzhou,P.R.China.
Tel: 86-20-28203030
Fax:86-20-28203068
Http://www.mornsun-power.com


Similar Part No. - K7803M-1000

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
K7803M-1000 REICU-K7803M-1000 Datasheet
231Kb / 1P
   Regulated Single Output SIP-Package
REV:13.2
logo
MORNSUN Science& Techno...
K7803M-1000R3 MORNSUN-K7803M-1000R3 Datasheet
768Kb / 5P
   Wide input voltage Non-isolated and Regulated Single Output
More results

Similar Description - K7803M-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com