Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K7801M-1000 Datasheet(PDF) 2 Page - MORNSUN Science& Technology Ltd.

Part # K7801M-1000
Description  WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

K7801M-1000 Datasheet(HTML) 2 Page - MORNSUN Science& Technology Ltd.

  K7801M-1000 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. K7801M-1000 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
K78XXM-1000
A/4 -2011
Page 2 of 4
TYPICAL CHARECTERISTICS
EXTERNAL CAPACITOR TABLE
Operating Temp.(
)
C
Temperature Derating Graph
(figure 1)
Part Number
C1
(Ceramic capacitor)
C2
(Ceramic capacitor)
K7801M-1000
10
µF/25V
22
µF/6.3V
K78X2M-1000
10
µF/25V
22
µF/6.3V
K7802M-1000
10
µF/25V
22
µF/10V
K7803M-1000
10
µF/25V
22
µF/16V
K7805M-1000
10
µF/25V
22
µF/16V
TYPICAL APPLICATION CIRCUIT
+Vin
GND
GND
K78XXM-1000
1
2
3
+Vout
C1
C2
(figure 2)
Note:
1. C1 and C2 are required and should be fitted close to the converter pins.
2. The capacitance of C1,C2 sees external capacitor table, it can be increased properly if required, and tantalum or low ESR electrolytic capacitors
may also suffice.
3. No parallel connection or plug and play.
TEST CONFIGURATIONS (TA=25
°C)
1
Efficiency and Output Voltage Ripple Test
S cope
C e ra mic
3
+Vin
GND
+Vout
C2
C1
25 .4 mm
1
DC/DC
Converter
2
25 .4 mm
12 .7 mm
1F
μ
1 0F
μ
Tantalum
C opper st r ip
C opper st r ip
(figure 3)
2
Start-up and Load Transient Response Test
3
+Vin
GND
+Vout
C2
C1
5 0.8 mm
1
DC/DC
Converter
2
Scope
Copper str ip
Copper str ip
(figure 4)


Similar Part No. - K7801M-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7801-1000 CRYSTEKCRYSTAL-K7801-1000 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7801-1000 MORNSUN-K7801-1000 Datasheet
626Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED
K7801-1500 MORNSUN-K7801-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-2000 MORNSUN-K7801-2000 Datasheet
333Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
More results

Similar Description - K7801M-1000

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
K7805-1000 CRYSTEKCRYSTAL-K7805-1000_11 Datasheet
327Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
logo
MORNSUN Science& Techno...
K7805-1500 MORNSUN-K7805-1500 Datasheet
345Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K78L01-1000R2 MORNSUN-K78L01-1000R2 Datasheet
387Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-500 MORNSUN-K7801-500 Datasheet
362Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
K7801-1500L MORNSUN-K7801-1500L Datasheet
399Kb / 4P
   WIDE INPUT NON-ISOLATED & REGULATED SINGLE OUTPUT
KRB2005MS-2W MORNSUN-KRB2005MS-2W Datasheet
205Kb / 2P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
K7805YMD-2000 MORNSUN-K7805YMD-2000 Datasheet
300Kb / 3P
   WIDE INPUT NON-ISOLATED REGULATED SINGLE OUTPUT
logo
Toppower Electronic Tec...
TP78XX-2 TOPPOWER-TP78XX-2 Datasheet
672Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
TP78L1.5 TOPPOWER-TP78L1.5 Datasheet
299Kb / 3P
   Wide Input Non-Isolated & Regulated Single Output
logo
GAPTEC Electronic GmbH ...
LCN78 GAPTEC-LCN78 Datasheet
356Kb / 2P
   Wide Input Non-Isolated & Regulated, Single Output
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com