Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24002PWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24002PWPRG4
Description  SINGLE-CELL LI-ION CHARGE MANAGEMENT ICFOR PDAS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ24002PWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24002PWPRG4 Datasheet HTML 1Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 2Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 3Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 4Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 5Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 6Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 7Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 8Page - Texas Instruments BQ24002PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
bq24001
bq24002
bq24003
SLUS462E − SEPTEMBER 2000 − REVISED NOVEMBER 2004
www.ti.com
2
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during
storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
PACKAGE
CHARGE STATUS
TJ
20-LEAD HTTSOP PowerPAD
(PWP)(1)
20-LEAD 5 mm
× 5 mm MLP
(RGW)(2)
CHARGE STATUS
CONFIGURATION
bq24001PWP
bq24001RGW
Single LED
−40
°C to 125°C
bq24002PWP
bq24002RGW
2 LEDs
−40 C to 125 C
bq24003PWP
bq24003RGW
Single bicolor LED
(1) The PWP package is available taped and reeled. Add R suffix to device type (e.g. bq24001PWPR) to order. Quantities 2500 devices per reel.
(2) The RGW package is available taped and reeled. Add R suffix to device type (e.g. bq24001RGWR) to order. Quantities 3000 devices per reel.
PACKAGE DISSIPATION RATINGS
PACKAGE
ΘJA
ΘJC
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
PWP(1)
30.88
°C/W
1.19
°C/W
3.238 W
0.0324W/
°C
RGW(2)
31.41
°C/W
1.25
°C/W
3.183 W
0.0318W/
°C
(1) This data is based on using the JEDEC high-K board and topside traces, top and bottom thermal pad (6.5 × 3.4 mm), internal 1 oz power and
ground planes, 8 thermal via underneath the die connecting to ground plane.
(2) This data is based on using the JEDEC high-K board and topside traces, top and bottom thermal pad (3.25 × 3.25 mm), internal 1 oz power
and ground planes, 9 thermal via underneath the die connecting to ground plane.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
bq24001
bq24002
bq24003
Supply voltage (Vcc with respect to GND)
13.5 V
Input voltage (IN, ISNS, EN, APG/THERM/CR/STAT1/STAT2, VSENSE, TMR SEL, VSEL) (all with respect to GND)
13.5 V
Output current (OUT pins)
2 A
Output sink/source current (STAT1 and STAT2)
10 mA
Operating free-air temperature range, TA
−40
°C to 70°C
Storage temperature range, Tstg
−65
°C to 150°C
Junction temperature range, TJ
−40
°C to 125°C
Lead temperature (Soldering, 10 sec)
300
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
UNIT
Supply voltage, VCC
4.5
10
V
Input voltage, VIN
4.5
10
V
Continuous output current
1.2
A
Operating junction temperature range, TJ
−40
125
°C


Similar Part No. - BQ24002PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24002PWP TI-BQ24002PWP Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
More results

Similar Description - BQ24002PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24001 TI-BQ24001 Datasheet
189Kb / 23P
[Old version datasheet]   SINGLE-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24004 TI-BQ24004 Datasheet
174Kb / 22P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC FOR PDAs AND INTERNET APPLIANCES
BQ24007 TI-BQ24007 Datasheet
327Kb / 25P
[Old version datasheet]   SINGLE CELL LI ION CHARGE MANAGEMENT IC WITH TIMER ENABLE FOR PDAS AND INTERNET APPLIANCES
BQ24004 TI1-BQ24004_12 Datasheet
1,014Kb / 27P
[Old version datasheet]   TWO-CELL Li-ION CHARGE MANAGEMENT IC
logo
Microchip Technology
MCP73831 MICROCHIP-MCP73831 Datasheet
696Kb / 24P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2006
MCP73831 MICROCHIP-MCP73831_V01 Datasheet
1Mb / 29P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
Revision H June 2020
MCP73831 MICROCHIP-MCP73831_13 Datasheet
1Mb / 32P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
11/29/12 2005-2013
MCP73831 MICROCHIP-MCP73831_08 Datasheet
847Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
2008
MCP73831 MICROCHIP-MCP73831_14 Datasheet
682Kb / 28P
   Miniature Single-Cell, Fully Integrated Li-Ion, Li-Polymer Charge Management Controllers
03/25/14
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com