Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ERJ-3GEYJ473V Datasheet(PDF) 4 Page - Texas Instruments

Part # ERJ-3GEYJ473V
Description  Contains all support circuitry needed for the ADS1148/ADS1248
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ERJ-3GEYJ473V Datasheet(HTML) 4 Page - Texas Instruments

  ERJ-3GEYJ473V Datasheet HTML 1Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 2Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 3Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 4Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 5Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 6Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 7Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 8Page - Texas Instruments ERJ-3GEYJ473V Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Digital Interface
www.ti.com
All of the pins on J4 and J8 are connected with minimal filtering or protection. Use appropriate caution
when handling these pins. Table 1 summarizes the pinouts for analog interfaces J4 and J8.
Table 1. J8/J4: Analog Interface Pinout
Pin Number
Signal
Description, ADS1148/ADS1248
J8.1, J4-1
A0(
–)
AIN0
J8.2, J4-2
A0(+)
AIN1
J8.3, J4-3
A1(
–)
AIN2
J8.4, J4-4
A1(+)
AIN3
J8.5, J4-5
A2(
–)
AIN4
J8.6, J4-6
A2(+)
AIN5
J8.7, J4-7
A3(
–)
AIN6
J8.8, J4-8
A3(+)
AIN7
J8.18
REF
External reference source input (
side of differential input)
J8.20
REF+
External reference source input (+
side of differential input)
J8.10-16 (even)
Unused
J8.15
Unused
J8.9-19 (odd), J4-9
AGND
Analog ground connections
(except J8.15)
3
Digital Interface
3.1
Serial Data Interface
The ADS1248EVM is designed to easily interface with multiple control platforms. Samtec part numbers
SSW-110-22-F-D-VS-K and TSM-110-01-T-DV-P provide a convenient 10-pin, dual-row, header/socket
combination at J7. This header/socket provides access to the digital control and serial data pins of the
ADC. Consult Samtec at http://www.samtec.com or call 1-800-SAMTEC-9 for a variety of mating
connector options.
All logic levels on J7 are 3.3V CMOS, except for the I
2C™ pins. These pins conform to 3.3V I2C rules.
Table 2 describes the J7 serial interface pins.
Table 2. J7: Serial Interface Pins
Pin No.
Pin Name
Signal Name
I/O Type
Pullup
Function
J7.1
CNTL
CS
In
High
J7.2
GPIO0
START
In
High
J7.3
CLKX
SCLK
In
None
ADS1248 SPI clock
J7.4
DGND
DGND
In/Out
None
Digital ground
J7.5
CLKR
Unused
J7.6
GPIO1
MR
In
High
Master reset
J7.7
FSX
Unused
J7.8
GPIO2
Unused
J7.9
FSR
DRDY
Out
None
J7.10
DGND
DGND
In/Out
None
Digital ground
J7.11
DX
DIN
In
None
ADS1248 SPI data in
J7.12
GPIO3
PWRSEL
In
High
Selects
±2.5V or +5V
supply
J7.13
DR
DOUT/DRDY
Out
None
ADS1248 data out
J7.14
GPIO4
Unused
J7.15
INT
DRDY
Out
None
4
ADS1148EVM, ADS1248EVM, ADS1148EVM-PDK, and ADS1248EVM-PDK
SBAU142B
– April 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - ERJ-3GEYJ473V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
3Mb / 33P
[Old version datasheet]   TAS5612L-TAS5614LDDVEVM
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
3Mb / 33P
[Old version datasheet]   TAS5622-TAS5624DDVEVM
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
623Kb / 31P
[Old version datasheet]   ADS1131REF and ADS1231REF
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
667Kb / 30P
[Old version datasheet]   USER GUIDE
ERJ-3GEYJ473V TI1-ERJ-3GEYJ473V Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
More results

Similar Description - ERJ-3GEYJ473V

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS79XXEVM TI1-ADS79XXEVM Datasheet
1Mb / 32P
[Old version datasheet]   Contains all support circuitry needed
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
PHOENIX CONTACT
2702132 PHOENIX-2702132 Datasheet
128Kb / 10P
   The bus coupler for the PROFIBUS has 4 digital outputs and 8 digital inputs. This package contains all the necessary Inline connectors for connecting the supply and the I/Os.
logo
EM Microelectronic - MA...
EMDB65XX EMMICRO-EMDB65XX Datasheet
979Kb / 9P
   This board contains the different MFP?셲
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com