Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC256T-I-SN Datasheet(PDF) 10 Page - Texas Instruments

Part # 24LC256T-I-SN
Description  Contains all support circuitry needed
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

24LC256T-I-SN Datasheet(HTML) 10 Page - Texas Instruments

Back Button 24LC256T-I-SN Datasheet HTML 6Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 7Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 8Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 9Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 10Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 11Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 12Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 13Page - Texas Instruments 24LC256T-I-SN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADS7953EVM-PDK Kit Operation
www.ti.com
7.3.1
Connecting an AC Adapter
An ac adapter can be connected to barrel jack J2 on the MMB0. J2 is located next to the USB connector.
The adapter must output 6V-7V dc. The connector must be sleeve-negative, tip-positive. It should have a
current rating of at least 2A.
Jumper J12 on the MMB0 connects a wall-mounted power supply to the board. To use the wall-mount
supply, J12 must be shorted. Figure 4 illustrates how to connect an ac adapter to the MMB0.
Figure 4. Connecting an AC Adapter
7.3.2
Connecting a Laboratory Power Supply
A laboratory power supply can be connected through terminal block J14 on the MMB0, as shown in
Figure 5.
To use a unipolar lab power supply configuration:
Disconnect J12 on the MMB0.
Connect a +5V dc supply to the +5VD terminal on J14.
Connect ground of the dc supply to the GND terminal on J14.
It is not necessary to connect a +5V dc supply voltage to the +5VA terminal on J14 if the +5V/+5VA
position on J13 is shorted.
10
ADS79xxEVM and ADS79xxEVM-PDK
SLAU262C
– January 2009 – Revised May 2011
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - 24LC256T-I-SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC256T-I/CS16K MICROCHIP-24LC256T-I/CS16K Datasheet
1Mb / 42P
   256K I2C Serial EEPROM
Revision W 08/2019
24LC256T-I/MC MICROCHIP-24LC256T-I/MC Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
24LC256T-I/MF MICROCHIP-24LC256T-I/MF Datasheet
481Kb / 26P
   256K I2C CMOS Serial EEPROM
2005
24LC256T-I/MF MICROCHIP-24LC256T-I/MF Datasheet
814Kb / 42P
   I2C??Serial EEPROM Family Data Sheet
2007
24LC256T-I/MF MICROCHIP-24LC256T-I/MF Datasheet
700Kb / 34P
   256K I2C??CMOS Serial EEPROM
2010
More results

Similar Description - 24LC256T-I-SN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1146EVM TI1-ADS1146EVM Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
ADS1174EVM TI1-ADS1174EVM Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
ADS1148EVM TI1-ADS1148EVM Datasheet
1Mb / 34P
[Old version datasheet]   Contains all support circuitry needed for the ADS1148/ADS1248
logo
Silicon Laboratories
SI3401 SILABS-SI3401 Datasheet
458Kb / 20P
   Support non-isolated and isolated switching topologies Comprehensive protection circuitry
logo
STMicroelectronics
AN2149 STMICROELECTRONICS-AN2149 Datasheet
133Kb / 7P
   INTEGRATED BUSHOLD CIRCUITRY
logo
Altera Corporation
DE2-115 ALTERA-DE2-115 Datasheet
8Mb / 116P
   The DE2-115 package contains all components needed to use the DE2-115 board in conjunction with a computer that runs the Microsoft Windows OS.
logo
Analog Devices
EVAL-ADUM4135EBZ AD-EVAL-ADUM4135EBZ Datasheet
470Kb / 6P
   Desaturation protection circuitry
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Molex Electronics Ltd.
106401-0000 MOLEX-106401-0000 Datasheet
2Mb / 4P
   FlexPlaneTM Optical Circuitry
logo
TT Electronics.
OCB100 TTELEC-OCB100 Datasheet
446Kb / 4P
   Automatic Calibration Circuitry
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com