Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU1852GUW Datasheet(PDF) 4 Page - Rohm

Part # BU1852GUW
Description  Keyencoder IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU1852GUW Datasheet(HTML) 4 Page - Rohm

  BU1852GUW Datasheet HTML 1Page - Rohm BU1852GUW Datasheet HTML 2Page - Rohm BU1852GUW Datasheet HTML 3Page - Rohm BU1852GUW Datasheet HTML 4Page - Rohm BU1852GUW Datasheet HTML 5Page - Rohm BU1852GUW Datasheet HTML 6Page - Rohm BU1852GUW Datasheet HTML 7Page - Rohm BU1852GUW Datasheet HTML 8Page - Rohm BU1852GUW Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
Technical Note
4/25
BU1852GUW, BU1852GXW
www.rohm.com
2012.08 - Rev.B
© 2012 ROHM Co., Ltd. All rights reserved.
4.
GPIO AC Characteristics
Fig.2 GPIO AC timing
VDD=1.8V, VDDIO=1.8V, Topr=25℃, TW=VSS
Parameter
Symbol
Limits
Unit
Conditions
Min.
Typ.
Max.
Output Data Valid Time
tDV
-
-
0.8
µs
Interrupt Valid Time
tIV
-
-
5
µs
Interrupt Reset Time
tIR
-
-
5
µs
SCL
GPIO[7:0](Output)
tDV
A
NA
State
BIT0
BIT1
XINT
tIV
GPIO[7:0](Input)
tIR


Similar Part No. - BU1852GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GUW ROHM-BU1852GUW Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW-E2 ROHM-BU1852GUW-E2 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW-E2 ROHM-BU1852GUW-E2 Datasheet
492Kb / 26P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
More results

Similar Description - BU1852GUW

ManufacturerPart #DatasheetDescription
logo
Rohm
BU1852GUW ROHM-BU1852GUW_11 Datasheet
489Kb / 25P
   Keyencoder IC
BU1852GUW ROHM-BU1852GUW_12 Datasheet
492Kb / 26P
   Keyencoder IC
logo
NXP Semiconductors
SAA4995WP PHILIPS-SAA4995WP Datasheet
107Kb / 16P
   PANorama-IC PAN-IC
1997 Jun 10
logo
Seiko Instruments Inc
S5841 SII-S5841 Datasheet
449Kb / 26P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1100 MITSUMI-MM1100 Datasheet
113Kb / 5P
    Compander IC Monolithic IC MM1100
MM1424 MITSUMI-MM1424 Datasheet
59Kb / 5P
   IC for XO Monolithic IC
logo
Seiko Instruments Inc
S5843A SII-S5843A Datasheet
478Kb / 21P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
S5844A SII-S5844A Datasheet
629Kb / 28P
   TEMPERATURE SWITCH IC (THERMOSTAT IC)
logo
Mitsumi Electronics, Co...
MM1458 MITSUMI-MM1458 Datasheet
127Kb / 6P
   RegulatorReset IC Monolithic IC
logo
Sanyo Semicon Device
LC709201F SANYO-LC709201F Datasheet
158Kb / 10P
   CMOS IC Battery Monitor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com