Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24G64xxx-3Axx Datasheet(PDF) 1 Page - Rohm

Part # BR24G64xxx-3Axx
Description  High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24G64xxx-3Axx Datasheet(HTML) 1 Page - Rohm

  BR24G64xxx-3Axx Datasheet HTML 1Page - Rohm BR24G64xxx-3Axx Datasheet HTML 2Page - Rohm BR24G64xxx-3Axx Datasheet HTML 3Page - Rohm BR24G64xxx-3Axx Datasheet HTML 4Page - Rohm BR24G64xxx-3Axx Datasheet HTML 5Page - Rohm BR24G64xxx-3Axx Datasheet HTML 6Page - Rohm BR24G64xxx-3Axx Datasheet HTML 7Page - Rohm BR24G64xxx-3Axx Datasheet HTML 8Page - Rohm BR24G64xxx-3Axx Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
BR24G64-3A
Datasheet
○Product structure:Silicon monolithic integrated circuit ○This product is not designed protection against radioactive rays
.
1/34
TSZ02201-0R2R0G100040 -1-2
15.May.2012 REV.001
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.co
TSZ22111・14・001
High Reliability Serial EEPROMs
I
2C BUS BR24xxxxfamily
BR24G64-3A
●General Description
BR24G64-3A is a serial EEPROM of I
2C BUS
interface method
●Features
All controls available by 2 ports of serial clock(SCL) and
serial data(SDA)
Other devices than EEPROM can be connected to the
same port, saving microcontroller port
1.7V to 5.5V single power source action most suitable
for battery use
1.7V to 5.5Vwide limit of action voltage, possible 1MHz
action
Page write mode useful for initial value write at factory
shipment
Auto erase and auto end function at data rewrite
Low current consumption
Write mistake prevention function
Write (write protect) function added
Write mistake prevention function at low voltage
Data rewrite up to 1,000,000 times
Data kept for 40 years
Noise filter built in SCL / SDA terminal
Shipment data all address FFh
●Page write
Number of
Pages
32Byte
Product
number
BR24G64-3A
●BR24G64-3A
Capacity
Bit
format
Type
Power source
Voltage
DIP-T8
*1
SOP8
SOP-J8
SSOP-B8 TSSOP-B8 TSSOP-B8J MSOP8
VSON008
X2030
64Kbit
8K×8
BR24G64-3A
1.7 to 5.5V
●Packages
W(Typ.) x D(Typ.)x H(Max.)
MSOP8
2.90mm x 4.00mm x 0.90mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SOP8
5.00mm x 6.20mm x 1.71mm
DIP-T8
9.30mm x 6.50mm x 7.10mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
VSON008X2030
2.00mm x 3.00mm x 0.60mm
Fig.1
*1 DIP-T8 is not halogen free package


Similar Part No. - BR24G64xxx-3Axx

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G64XXX-5 ROHM-BR24G64XXX-5 Datasheet
3Mb / 38P
   I2C BUS EEPROM
More results

Similar Description - BR24G64xxx-3Axx

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR25L010F-WE2 ROHM-BR25L010F-WE2 Datasheet
577Kb / 17P
   High Reliability Serial EEPROMs SPI BUS Serial EEPROMs
BR24A01AFJ-WM ROHM-BR24A01AFJ-WM Datasheet
456Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_07 Datasheet
1Mb / 17P
   I2C BUS Serial EEPROMs
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24LXX-W ROHM-BR24LXX-W Datasheet
881Kb / 33P
   I2C BUS Serial EEPROMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com