Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS728285180YZUR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS728285180YZUR
Description  200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS728285180YZUR Datasheet(HTML) 2 Page - Texas Instruments

  TPS728285180YZUR Datasheet HTML 1Page - Texas Instruments TPS728285180YZUR Datasheet HTML 2Page - Texas Instruments TPS728285180YZUR Datasheet HTML 3Page - Texas Instruments TPS728285180YZUR Datasheet HTML 4Page - Texas Instruments TPS728285180YZUR Datasheet HTML 5Page - Texas Instruments TPS728285180YZUR Datasheet HTML 6Page - Texas Instruments TPS728285180YZUR Datasheet HTML 7Page - Texas Instruments TPS728285180YZUR Datasheet HTML 8Page - Texas Instruments TPS728285180YZUR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
TPS728xx Series
SBVS095 – AUGUST 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
PRODUCT
VOUT
(2)
TPS728vvvxxxyyyz
VVV is the nominal output voltage for VOUT1 and corresponds to VSET = Low.
XXX is the nominal output voltage for VOUT2 and corresponds to VSET = High.
YYY is package designator.
Z is Tape and reel quantity (R = 3000, T = 250).
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Output voltages from 0.9V to 3.6V in 50mV increments are available through the use of innovative factory EEPROM programming;
minimum order quantities may apply. Contact factory for details and availability.
At TJ = –40°C to +125°C (unless otherwise noted). All voltages are with respect to GND.
PARAMETER
TPS728xx Series
UNIT
Input voltage range, VIN
–0.3 to +7.0
V
Enable and VSET voltage range, VEN and VSET
–0.3 to VIN + 0.3
(2)
V
Output voltage range, VOUT
–0.3 to +7.0
V
Maximum output current, IOUT
Internally limited
Output short-circuit duration
Indefinite
Total continuous power dissipation, PDISS
See Dissipation Ratings Table
Human body model (HBM)
2
kV
ESD rating
Charged device model (CDM)
500
V
Operating junction temperature range, TJ
–55 to +150
°C
Storage temperature range, TSTG
–55 to +150
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
VEN and VSET absolute maximum rating is VIN + 0.3V or +7.0V, whichever is less.
DERATING FACTOR
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = +25°C
TA < +25°C
TA = +70°C
TA = +85°C
High-K(1)
DRV
20
°C/W
65
°C/W
15.4mW/
°C
1540mW
845mW
615mW
High-K(1)
YZU
85
°C/W
268
°C/W
3.7mW/
°C
370mW
205mW
150mW
(1)
The JEDEC high-K (2s2p) board used to derive this data was a 3-
× 3-inch, multilayer board with 1-ounce internal power and ground
planes and 2-ounce copper traces on top and bottom of the board.
2
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated


Similar Part No. - TPS728285180YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728285180YZUR TI1-TPS728285180YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728285180YZUR TI1-TPS728285180YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728285180YZUR TI1-TPS728285180YZUR Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728285180YZUR TI1-TPS728285180YZUR Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728285180YZUR TI1-TPS728285180YZUR Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results

Similar Description - TPS728285180YZUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_V01 Datasheet
2Mb / 31P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_10 Datasheet
548Kb / 16P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728 TI-TPS728_15 Datasheet
1Mb / 24P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_16 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728180285 TI1-TPS728180285 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728330180 TI1-TPS728330180 Datasheet
1Mb / 26P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX Datasheet
955Kb / 22P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
logo
E-Tech Electronics LTD
UR132 ETL-UR132 Datasheet
176Kb / 5P
   200mA LOW DROPOUT LINEAR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com