Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST39LF080-90-4I-B3I Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST39LF080-90-4I-B3I
Description  8 Mbit / 16 Mbit (x8) Multi-Purpose Flash
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST39LF080-90-4I-B3I Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST39LF080-90-4I-B3I Datasheet HTML 7Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 8Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 9Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 10Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 11Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 12Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 13Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 14Page - Silicon Storage Technology, Inc SST39LF080-90-4I-B3I Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Data Sheet
8 Mbit / 16 Mbit Multi-Purpose Flash
SST39LF080 / SST39LF016 / SST39VF080 / SST39VF016
11
©2001 Silicon Storage Technology, Inc.
S71146-03-000
6/01
396
TABLE
9: DC OPERATING CHARACTERISTICS
VDD = 3.0-3.6V FOR SST39LF080/016 AND 2.7-3.6V FOR SST39VF080/016
Symbol
Parameter
Limits
Test Conditions
Min
Max
Units
IDD
Power Supply Current
Address input=VIL/VIH, at f=1/TRC Min
VDD=VDD Max
Read
15
mA
CE#=OE#=VIL, WE#=VIH, all I/Os open
Program and Erase
20
mA
CE#=WE#=VIL, OE#=VIH
ISB
Standby VDD Current
20
µA
CE#=VIHC, VDD=VDD Max
IALP
Auto Low Power
20
µA
CE#=VILC, VDD=VDD Max
All inputs=VIHC or VILC WE#=VIHC
ILI
Input Leakage Current
1
µA
VIN=GND to VDD, VDD=VDD Max
ILO
Output Leakage Current
10
µA
VOUT=GND to VDD, VDD=VDD Max
VIL
Input Low Voltage
0.8
V
VDD=VDD Min
VILC
Input Low Voltage (CMOS)
0.3
V
VDD=VDD Max
VIH
Input High Voltage
0.7VDD
VVDD=VDD Max
VIHC
Input High Voltage (CMOS)
VDD-0.3
V
VDD=VDD Max
VOL
Output Low Voltage
0.2
V
IOL=100 µA, VDD=VDD Min
VOH
Output High Voltage
VDD-0.2
V
IOH=-100 µA, VDD=VDD Min
T9.2 396
TABLE 10: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Read Operation
100
µs
TPU-WRITE1
Power-up to Program/Erase Operation
100
µs
T10.1 396
TABLE 11: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN1
Input Capacitance
VIN = 0V
6 pF
T11.0 396
TABLE 12: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T12.1 396


Similar Part No. - SST39LF080-90-4I-B3I

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39LF080-55-4C-B3K SST-SST39LF080-55-4C-B3K Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-B3KE SST-SST39LF080-55-4C-B3KE Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EI SST-SST39LF080-55-4C-EI Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080-55-4C-EIE SST-SST39LF080-55-4C-EIE Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
More results

Similar Description - SST39LF080-90-4I-B3I

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST39VF088 SST-SST39VF088_07 Datasheet
378Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF088 SST-SST39VF088 Datasheet
339Kb / 22P
   8 Mbit (x8) Multi-Purpose Flash
SST39LF080 SST-SST39LF080_07 Datasheet
454Kb / 25P
   8 Mbit (x8) Multi-Purpose Flash
SST39VF1681 SST-SST39VF1681 Datasheet
474Kb / 29P
   16 Mbit (x8) Multi-Purpose Flash Plus
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com