Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF370315IRGER Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TRF370315IRGER
Description  0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TRF370315IRGER Datasheet(HTML) 1 Page - Texas Instruments

  TRF370315IRGER Datasheet HTML 1Page - Texas Instruments TRF370315IRGER Datasheet HTML 2Page - Texas Instruments TRF370315IRGER Datasheet HTML 3Page - Texas Instruments TRF370315IRGER Datasheet HTML 4Page - Texas Instruments TRF370315IRGER Datasheet HTML 5Page - Texas Instruments TRF370315IRGER Datasheet HTML 6Page - Texas Instruments TRF370315IRGER Datasheet HTML 7Page - Texas Instruments TRF370315IRGER Datasheet HTML 8Page - Texas Instruments TRF370315IRGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
GND
RF_OUT
15
14
13
RGEPACKAGE
(TOP VIEW)
GND
1
2
3
LOP
4
LON
5
GND
18
VCC
17
GND
16
NC
NC
NC
NC
P0024-04
6
TRF370315
TRF370333
www.ti.com
SLWS184J
– MARCH 2006 – REVISED MAY 2011
0.35-GHz TO 4-GHz QUADRATURE MODULATORS
Check for Samples: TRF370315, TRF370333
1
FEATURES
APPLICATIONS
2
75-dBc Single-Carrier WCDMA ACPR
Cellular Base Transceiver Station Transmit
at
–11-dBm Channel Power
Channel
Low Noise Floor:
–163 dBm/Hz
CDMA: IS95, UMTS, CDMA2000, TD-SCDMA
OIP3 of 23 dBm
TDMA: GSM, IS-136, EDGE/UWC-136
P1dB of 9 dBm
Wireless Local Loop
Unadjusted Carrier Feedthrough of
–40 dBm
Wireless MAN Wideband Transceivers
SPACE
Unadjusted Side-Band Suppression of
–40 dBc
THE FINAL FRONTIER
Single Supply: 4.5 V
–5.5 V Operation
Silicon Germanium Technology
TRF370333 With 3.3-V CM at I, Q Baseband
Inputs
TRF370315 With 1.5-V CM at I, Q Baseband
Inputs
DESCRIPTION
The TRF370315 and TRF370333 are low-noise direct quadrature modulators, capable of converting complex
modulated signals from baseband or IF directly up to RF. The TRF370315 and TRF370333 are ideal for
high-performance direct RF modulation from 350 MHz up to 4 GHz. These modulators are implemented as a
double-balanced mixer. The RF output block consists of a differential to single-ended converter and an RF
amplifier capable of driving a single-ended 50-
Ω load without any need of external components. The TRF370333
and TRF370315 devices have different common-mode voltage ratings at the I/Q baseband inputs. The
TRF370315 requires a 1.5-V common-mode voltage, and the TRF370333 requires a 3.3-V common-mode
voltage.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2006–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TRF370315IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370315IRGER TI-TRF370315IRGER Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI-TRF370315IRGER Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI-TRF370315IRGER Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF370315IRGER TI1-TRF370315IRGER Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315IRGER TI1-TRF370315IRGER Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
More results

Similar Description - TRF370315IRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF370317 TI1-TRF370317 Datasheet
879Kb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370315 TI1-TRF370315_15 Datasheet
1Mb / 28P
[Old version datasheet]   0.35-GHz TO 4-GHz QUADRATURE MODULATORS
TRF370317 TI1-TRF370317_15 Datasheet
1Mb / 33P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_08 Datasheet
746Kb / 25P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703_07 Datasheet
659Kb / 26P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
TRF3703 TI-TRF3703 Datasheet
546Kb / 22P
[Old version datasheet]   0.4-GHz TO 4-GHz QUADRATURE MODULATOR
logo
Analog Devices
AD8346EVAL AD-AD8346EVAL Datasheet
404Kb / 20P
   0.8 GHz to 2.5 GHz Quadrature Modulator
REV. A
logo
Texas Instruments
TRF37T05_15 TI-TRF37T05_15_15 Datasheet
1,000Kb / 37P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF3705_15 TI-TRF3705_15_15 Datasheet
994Kb / 38P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
TRF37T05 TI1-TRF37T05 Datasheet
1Mb / 40P
[Old version datasheet]   300-MHz to 4-GHz Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com