Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BR24A02-WM Datasheet(PDF) 6 Page - Rohm

Part # BR24A02-WM
Description  High Reliability Series EEPROMs I2C BUS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BR24A02-WM Datasheet(HTML) 6 Page - Rohm

Back Button BR24A02-WM Datasheet HTML 2Page - Rohm BR24A02-WM Datasheet HTML 3Page - Rohm BR24A02-WM Datasheet HTML 4Page - Rohm BR24A02-WM Datasheet HTML 5Page - Rohm BR24A02-WM Datasheet HTML 6Page - Rohm BR24A02-WM Datasheet HTML 7Page - Rohm BR24A02-WM Datasheet HTML 8Page - Rohm BR24A02-WM Datasheet HTML 9Page - Rohm BR24A02-WM Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
BR24A□□-WM series
Technical Note
6/17
www.rohm.com
2009.08 - Rev.C
© 2009 ROHM Co., Ltd. All rights reserved.
Characteristic data (The following values are Typ. ones.)
0
0.1
0.2
0.3
0.4
0.5
0.6
01
2
3
4
5
6
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=105℃
0
1
2
3
4
012
34
56
Vcc[V]
SPEC1
SPEC2
SPEC2
Ta=-40℃
Ta=25℃
Ta=105℃
SPEC1
0
1
2
3
4
01
23
45
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC2
SPEC1
SPEC2
SPEC1
-200
-150
-100
-50
0
50
0
1
2
3
456
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=105℃
Ta=25℃
-200
-100
0
100
200
300
0123456
Vcc[V]
Ta=-40℃
Ta=105℃
Ta=25℃
SPEC1
SPEC2
-200
-100
0
100
200
300
01
23
4
5
6
Vcc[V]
Ta=105℃
Ta=25℃
Ta=-40℃
SPEC1
SPEC2
Fig.21 Input data hold time tHD:DAT(LOW)
Fig.22 Input data setup time tSU:DAT(HIGH)
Fig.23 Input data setup time tSU:DAT(LOW)
Fig.24 Output data delay time tPD0
Fig.25 Output data delay time tPD1
0
1
2
3
4
5
01
2
3
45
6
Vcc[V]
SPEC2
SPEC1
Ta=-40℃
Ta=25℃
Ta=105℃
0
1
2
3
4
5
6
01
234
56
Vcc[V]
SPEC1,2
Ta=25℃
Ta=-40℃
Ta=105℃
Fig.26 Bus release time before transfer start tBUF
Fig.27 Internal write cycle time tWR
0
0.1
0.2
0.3
0.4
0.5
0.6
01
23
45
6
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=105℃
0
0.1
0.2
0.3
0.4
0.5
0.6
0123
456
Vcc[V]
Ta=-40℃
Ta=25℃
Ta=105℃
SPEC1
0
0.1
0.2
0.3
0.4
0.5
0.6
0123456
Vcc[V]
SPEC1
Ta=-40℃
Ta=105℃
Ta=25℃
-0.6
-0.4
-0.2
0
0.2
0123
45
6
Vcc[V]
SPEC1,2
Ta=105℃
Ta=-40℃
Ta=25℃
0
0.2
0.4
0.6
0.8
1
1.2
012
3
456
Vcc[V]
SPEC1,2
Ta=-40℃
Ta=25℃
Ta=105℃
Fig.28 Noise removal valid time tI(SCL H)
Fig.29 Noise removal valid time tI(SCL L)
Fig.30 Noise removal valid time tI(SDA H)
Fig.31 Noise removal valid time tI(SDA L)
Fig.32 WP setup time tSU:WP
Fig.33 WP valid time tHIGH:WP


Similar Part No. - BR24A02-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24A02-WM ROHM-BR24A02-WM Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24A02-WM ROHM-BR24A02-WM Datasheet
755Kb / 32P
   Operation I2 C BUS EEPROM
BR24A02-WM ROHM-BR24A02-WM Datasheet
2Mb / 32P
   105C Operation I2C BUS EEPROM
More results

Similar Description - BR24A02-WM

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24L01AFV-WE2 ROHM-BR24L01AFV-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01A-W ROHM-BR24L01A-W_09 Datasheet
773Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AFVM-WTR ROHM-BR24L01AFVM-WTR Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24L01AF-WE2 ROHM-BR24L01AF-WE2 Datasheet
747Kb / 41P
   High Reliability Series EEPROMs I2C BUS
BR24A ROHM-BR24A Datasheet
449Kb / 18P
   High Reliability Series EEPROMs I2C BUS
BR24G32-3A ROHM-BR24G32-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR24G64-3A ROHM-BR24G64-3A Datasheet
949Kb / 37P
   High Reliability Serial EEPROMs I2C BUS BR24xxxxfamily
BR93LXX-W ROHM-BR93LXX-W Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46FV-WE2 ROHM-BR93L46FV-WE2 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
BR93L46-W ROHM-BR93L46-W_11 Datasheet
1Mb / 41P
   High Reliability Series EEPROMs Microwire BUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com