Electronic Components Datasheet Search |
|
QKL25Z128TFTCCC(R) Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc |
|
QKL25Z128TFTCCC(R) Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc |
1 / 21 page 1 Kinetis L Series The Kinetis L series is the most scalable portfolio of ultra low- power, mixed-signal ARM Cortex-M0+ MCUs in the industry. The portfolio includes 5 MCU families that offer a broad range of memory, peripheral and package options. Kinetis L Series families share common peripherals and pin- counts allowing developers to migrate easily within an MCU family or between MCU families to take advantage of more memory or feature integration. This scalability allows developers to standardize on the Kinetis L Series for their end product platforms, maximising hardware and software reuse and reducing time-to-market. Features common to all Kinetis L series families include: • 48 MHz ARM Cortex-M0+ core • High-speed 12/16-bit analog-to-digital converters • 12-bit digital-to-analog converters for all series except for KLx4 family • High-speed analog comparators • Low-power touch sensing with wake-up on touch from reduced power states for all series except for KLx4 family • Powerful timers for a broad range of applications including motor control • Low power focused serial communication interfaces such as low power UART, SPI, I2C etc. • Single power supply: 1.71V - 3.6V with multiple low- power modes support single operation temperature: -40 ~ 105 °C (exclude CSP package) Freescale Semiconductor Document Number:KL25PB Product Brief Rev. 2, 6/2012 KL24/KL25 Product Brief Supports all KL24 and KL25 devices © 2011–2012 Freescale Semiconductor, Inc. Preliminary General Business Information Contents 1 Kinetis L Series.........................................................1 2 KL24/KL25 Sub-Family Introduction......................3 3 Block Diagram..........................................................3 4 Features.....................................................................6 5 Power modes...........................................................18 6 Revision History.....................................................20 |
Similar Part No. - QKL25Z128TFTCCC(R) |
|
Similar Description - QKL25Z128TFTCCC(R) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |