Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST58SD032-70-C-P1H Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST58SD032-70-C-P1H
Description  ATA-Disk Chip
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58SD032-70-C-P1H Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST58SD032-70-C-P1H Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 12Page - Silicon Storage Technology, Inc SST58SD032-70-C-P1H Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Data Sheet
ATA-Disk Chip
SST58SD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LD008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
9
©2001 Silicon Storage Technology, Inc.
S71167-05-000
9/01
391
2.2 Absolute Maximum Stress Ratings
Note: All AC specifications are guaranteed by design.
Absolute Maximum Stress Ratings (Applied conditions greater than those listed under “Absolute Maximum
Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation
of the device at these conditions or conditions greater than those defined in the operational sections of this data
sheet is not implied. Exposure to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -50°C to +100°C
D.C. Voltage on any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to VDD+1.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Through Hole Lead Soldering Temperature (10 Seconds). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300°C
Surface Mount Lead Soldering Temperature (3 Seconds)
240°C
Output Short Circuit Current1 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1. Outputs shorted for no more than one second. No more than one output shorted at a time.
OPERATING RANGE: SST58SDXXX
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
4.5-5.5V
OPERATING RANGE: SST58LDXXX
Range
Ambient Temp
VDD
Commercial
0°C to +70°C
3.135-3.465V
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . 10 ns
Output Load . . . . . . . . . . . . . . . . . . . . CL = 100 pF
See Figures 2-3 and 2-4
TABLE
2-3: RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Maximum
Units
TPU-READY1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Power-up to Ready Operation
500
ms
TPU-WRITE1
Power-up to Write Operation
500
ms
T2-3.0 391
TABLE
2-4: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
I/O Pin Capacitance
VI/O = 0V
15 pF
CIN1
Input Capacitance
VIN = 0V
9 pF
T2-4.0 391
TABLE
2-5: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
ILTH1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
Latch Up
100 + IDD
mA
JEDEC Standard 78
T2-5.1 391


Similar Part No. - SST58SD032-70-C-P1H

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FRI SST-SST58SM008-70-C-FRI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FRJ SST-SST58SM008-70-C-FRJ Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FSI SST-SST58SM008-70-C-FSI Datasheet
377Kb / 40P
   ATA-Disk Module
SST58SM008-70-C-FSJ SST-SST58SM008-70-C-FSJ Datasheet
377Kb / 40P
   ATA-Disk Module
More results

Similar Description - SST58SD032-70-C-P1H

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST58SM008 SST-SST58SM008 Datasheet
377Kb / 40P
   ATA-Disk Module
SST55LD019A SST-SST55LD019A Datasheet
867Kb / 79P
   ATA Flash Disk Controller
SST55LD019M SST-SST55LD019M Datasheet
944Kb / 59P
   ATA Flash Disk Controller
logo
List of Unclassifed Man...
AP-FM001GL1005S-DT ETC2-AP-FM001GL1005S-DT Datasheet
185Kb / 18P
   ATA Disk Module 4
AP-FM001GL2003S-DT ETC2-AP-FM001GL2003S-DT Datasheet
279Kb / 19P
   ATA Disk Module 4
AP-FM001GL3005S-DT ETC2-AP-FM001GL3005S-DT Datasheet
165Kb / 18P
   ATA Disk Module 4
logo
Apacer Technology Inc.
ADM5S-44P90D270D APACER-ADM5S-44P90D270D Datasheet
977Kb / 4P
   ATA Disk Module 5S(ADM)
logo
List of Unclassifed Man...
AP-FM0128E23S5S-KS ETC2-AP-FM0128E23S5S-KS Datasheet
192Kb / 20P
   Value Added ATA Disk Module ?
AP-FM0128ED0S3S-KS1M ETC2-AP-FM0128ED0S3S-KS1M Datasheet
286Kb / 22P
   Value Added ATA Disk Module
AP-FM-180177 ETC2-AP-FM-180177 Datasheet
283Kb / 22P
   Value Added ATA Disk Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com