Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BM6103FV-CE2 Datasheet(PDF) 3 Page - Rohm

Part # BM6103FV-CE2
Description  Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM6103FV-CE2 Datasheet(HTML) 3 Page - Rohm

  BM6103FV-CE2 Datasheet HTML 1Page - Rohm BM6103FV-CE2 Datasheet HTML 2Page - Rohm BM6103FV-CE2 Datasheet HTML 3Page - Rohm BM6103FV-CE2 Datasheet HTML 4Page - Rohm BM6103FV-CE2 Datasheet HTML 5Page - Rohm BM6103FV-CE2 Datasheet HTML 6Page - Rohm BM6103FV-CE2 Datasheet HTML 7Page - Rohm BM6103FV-CE2 Datasheet HTML 8Page - Rohm BM6103FV-CE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
3/31
Datasheet
Datasheet
BM6103FV-C
TSZ02201-0717ABH00010-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
29.Aug.2012 Rev.004
www.rohm.com
TSZ22111・15・001
Description of pins and cautions on layout of board
1) VCC1 (Input-side power supply pin)
The VCC1 pin is a power supply pin on the input side. To suppress voltage fluctuations due to the current to drive
internal transformers, connect a bypass capacitor between the VCC1 and the GND1 pins.
2) GND1 (Input-side ground pin)
The GND1 pin is a ground pin on the input side.
3) VCC2 (Output-side positive power supply pin)
The VCC2 pin is a positive power supply pin on the output side. To reduce voltage fluctuations due to OUT1 pin output
current and due to the current to drive internal transformers, connect a bypass capacitor between the VCC2 and the
GND2 pins.
4) VEE2 (Output-side negative power supply pin)
The VEE2 pin is a power supply pin on the output side. To suppress voltage fluctuations due to OUT1 pin output current and
due to the current to drive internal transformers, connect a bypass capacitor between the VEE2 and the GND2 pins. To use
no negative power supply, connect the VEE2 pin to the GND2 pin.
5) GND2 (Output-side ground pin)
The GND2 pin is a ground pin on the output side. Connect the GND2 pin to the emitter / source of a power device.
6) IN (Control input terminal)
The IN pin is a pin used to determine output logic.
ENA
INB
INA
OUT1
H
X
X
L
L
L
L
L
L
L
H
H
L
H
L
H
L
H
H
L
7) FLT (Fault output pin)
The FLT pin is an open drain pin used to output a fault signal when a fault occurs (i.e., when the undervoltage lockout
function (UVLO), short current protection function (SCP) or thermal protection function is activated).
This pin is I/O pin and if L voltage is externally input, the output is set to L status regardless of other input logic.
Consequently, be sure to connect the pull-up resistor between VCC1 pin and the FLT pin even if this pin is not used.
Pin
FLT
While in normal operation
Hi-Z
When an Fault occurs
(When UVLO, SCP or thermal protection is activated)
L
8) FLTRLS (Fault output holding time setting pin)
The FLTRLS pin is a pin used to make setting of time to hold a Fault signal. Connect a capacitor between the FLTRLS
pin and the GND1 pin, and a resistor between it and the VCC1 pin.
The Fault signal is held until the FLTRLS pin voltage exceeds a voltage set with the VFLTRLS parameter. To set holding
time to 0 ms, do not connect the capacitor. Short-circuiting the FLTRLS pin to the VCC1 pin will cause a high current to
flow in the FLTRLS pin and, in an open state, may cause the IC to malfunction. To avoid such trouble, be sure to connect
a resistor between the FLTRLS and the VCC1 pins.
9) OUT1 (Output pin)
The OUT1 pin is a pin used to drive the gate of a power device.
10) OUT2 (MOS FET control pin for Miller Clamp)
The OUT2 pin is a pin for controlling the external MOS switch for preventing increase in gate voltage due to the miller
current of the power device connected to OUT1 pin.
11) VREG (Power supply pin for driving MOS FET for Miller Clamp)
The VREG pin is a power supply pin for driving MOS FET for Miller Clamp. Be sure to connect a capacitor between
VREG pin and VEE2 pin for preventing the oscillation and to reduce voltage fluctuations due to OUT2 pin output current.
12) PROOUT (Soft turn-off pin)
The PROOUT pin is a pin used to put the soft turn-off function of a power devise in operation when the SCP function is
activated. This pin combines with the gate voltage monitoring pin for Miller Clamp.
13) SCPIN (Short current detection pin)
The SCPIN pin is a pin used to detect current for short current protection. When the SCPIN pin voltage exceeds a
voltage set with the VSCDET parameter, the SCP function will be activated. This may cause the IC to malfunction in an
open state. To avoid such trouble, short-circuit the SCPIN pin to the GND2 pin if the short current protection is not used.
In order to prevent the wrong detection due to noise, the noise mask time tSCPMSK is set.


Similar Part No. - BM6103FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM6101FV-C ROHM-BM6101FV-C Datasheet
888Kb / 34P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6101FV-CE2 ROHM-BM6101FV-CE2 Datasheet
888Kb / 34P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6101FV-CE2 ROHM-BM6101FV-CE2 Datasheet
3Mb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6101FV-C ROHM-BM6101FV-C_15 Datasheet
3Mb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6101FV-E2 ROHM-BM6101FV-E2 Datasheet
888Kb / 34P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
More results

Similar Description - BM6103FV-CE2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM60052AFV-C ROHM-BM60052AFV-C Datasheet
3Mb / 41P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60013FV-C ROHM-BM60013FV-C Datasheet
1,012Kb / 33P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054AFV-C ROHM-BM60054AFV-C Datasheet
3Mb / 42P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C_15 Datasheet
2Mb / 39P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60054FV-C ROHM-BM60054FV-C Datasheet
3Mb / 40P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60056FV-C ROHM-BM60056FV-C Datasheet
4Mb / 48P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
BM6105AFW-LBZ ROHM-BM6105AFW-LBZ Datasheet
2Mb / 31P
   Isolation Voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6104FV-C ROHM-BM6104FV-C Datasheet
994Kb / 38P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60014FV-C ROHM-BM60014FV-C Datasheet
858Kb / 28P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM6102FV-C ROHM-BM6102FV-C Datasheet
955Kb / 35P
   Isolation voltage 2500Vrms 1ch Gate Driver Providing Galvanic Isolation
BM60051FV-C ROHM-BM60051FV-C_15 Datasheet
2Mb / 49P
   1ch Gate Driver Providing Galvanic Isolation 2500Vrms Isolation Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com