Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P1TX6B-SX51-02 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P1TX6B-SX51-02
Description  5 transmit lanes and 1 return lane over a single multimode FIBER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P1TX6B-SX51-02 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P1TX6B-SX51-02 Datasheet HTML 1Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 2Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 3Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 4Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 5Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 6Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 7Page - Omron Electronics LLC P1TX6B-SX51-02 Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ORIGINATOR:
C. ENG
DATE:
3/9/2012
DOCUMENT NO.
DOC002325
REV
A
P1TX6B-SX51-02A Product Specification
SHEET
3 OF 8
CONFIDENTIAL INFORMATION
2.0
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Units
Storage Temperature
1
Tst
°C
Supply Voltage
2 3
Vcc
V
Operating Surface Temperature
4
Ta
°C
Operating Humidity
5
RH
%
Durability – SC Connector
200
cycles
Durability – Plug-down Connector
50
cycles
Input Pin Voltage
6
VIN
V
3.0
Optical Characteristics – High-speed Lanes
Parameter (per lane)
Symbol
Min
Typ
Max
Units
Average Optical Power, per Lane
7
Pout
-1.5
dBm
Optical Modulation Amplitude
0.0
dBm
Center Wavelength – Lane 0
778
nm
Center Wavelength – Lane 1
800
nm
Center Wavelength – Lane 2
825
nm
Center Wavelength – Lane 3
850
nm
Optical Rise/Fall Time
8
P1TX6B-SX51V
P1TX6B-SX51D
200
100
Ps
1
Stresses listed may be applied without causing damage. Functionality at or above the values listed is not implied. Exposure to these
values for extended periods may affect reliability.
2
Supply voltage must be present before input signal may be applied
3
Module must be powered down (OFF) before installation/removal.
4 See outline drawing for measurement point.
5
Non condensing. Do not operate device if wet.
6
Supply voltage must be present before input signal may be applied. Driving the device in a power OFF state may result in
permanent damage to the input pins.
7
I= 6mA, T=25C.
8
Rise and fall times measured from 20 - 80% . Tested with OMRON reference circuits.


Similar Part No. - P1TX6B-SX51-02

ManufacturerPart #DatasheetDescription
logo
ORION FANS
P1TX6B-SX51-02A ORIONFANS-P1TX6B-SX51-02A Datasheet
316Kb / 8P
   The TX Data Module contains a 30 pin connector (DF12-30DS-0.5V(86)). For information on the specifications of the mating connector (DF12(4.0)-30DP-0.5V(86)), contact Hirose.
More results

Similar Description - P1TX6B-SX51-02

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P1RX6B-SX51-02 OMRON-P1RX6B-SX51-02 Datasheet
309Kb / 8P
   5 receive lanes and 1 transmit lane over a single multimode fiber
P1TX4-SX4X-01MM OMRON-P1TX4-SX4X-01MM Datasheet
250Kb / 7P
   Multiple signals over one multimode fiber
logo
Littelfuse
LS0505EVD22 LITTELFUSE-LS0505EVD22 Datasheet
788Kb / 7P
   5 V, 5 A eFuse with Over Voltage and Over Current Protection
GD. 09/20/22
logo
Level One
AVF-1100 LVL1-AVF-1100 Datasheet
650Kb / 3P
   1-Channel BNC over Fiber Extender Kit, 20km
logo
THOR communications
F-LBAND THOR-F-LBAND Datasheet
525Kb / 1P
   Single Channel Compact LBand RF Over Fiber Link
DWDM-RF THOR-DWDM-RF Datasheet
295Kb / 1P
   Scalable Distribution of multiple L-Band Polarities and GPON over Single Fiber
logo
Agilent(Hewlett-Packard...
HFBR-5905 HP-HFBR-5905 Datasheet
282Kb / 14P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
logo
Neutrik AG
NOSPM-LC50-LC50 NEUTRIK-NOSPM-LC50-LC50 Datasheet
37Kb / 1P
   Multimode 1 x 2 LC* splitter to split a fiber signal (100 - 50/50).
logo
PHOENIX CONTACT
103161 PHOENIX-103161 Datasheet
221Kb / 9P
   Current transducer for 1 A and 5 A AC
2013-04-22
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5905Z AVAGO-AFBR-5905Z Datasheet
338Kb / 13P
   ATM Multimode Fiber Transceivers in 2 x 5 Package Style
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com