Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDJ0851HFV Datasheet(PDF) 9 Page - Rohm

Part # BDJ0851HFV
Description  Low current Thermostat Output Temperature Sensor ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0851HFV Datasheet(HTML) 9 Page - Rohm

Back Button BDJ0851HFV Datasheet HTML 2Page - Rohm BDJ0851HFV Datasheet HTML 3Page - Rohm BDJ0851HFV Datasheet HTML 4Page - Rohm BDJ0851HFV Datasheet HTML 5Page - Rohm BDJ0851HFV Datasheet HTML 6Page - Rohm BDJ0851HFV Datasheet HTML 7Page - Rohm BDJ0851HFV Datasheet HTML 8Page - Rohm BDJ0851HFV Datasheet HTML 9Page - Rohm BDJ0851HFV Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Technical Note
9/9
BDJ□□□1HFV Series
www.rohm.com
2011.07 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Ordering part number
B
D
J
0
8
0
1
H
F
V
-
T
R
Series Name
Detect Temp.
090: 90℃
085: 85℃
080: 80℃
075: 75℃
070: 70℃
Output Format
0 : active L
1 : active H
Package
HFV:HVSOF5
Packaging and forming specification
TR: Embossed tape and reel
Direction of feed
Reel
Order quantity needs to be multiple of the minimum quantity.
<Tape and Reel information>
Embossed carrier tape
Tape
Quantity
Direction
of feed
The direction is the 1pin of product is at the upper right when you hold
reel on the left hand and you pull out the tape on the right hand
3000pcs
TR
()
1pin
(Unit : mm)
HVSOF5
S
0.08 M
0.1
S
4
3
2
1
5
1.6
±0.05
1.0
±0.05
45
32 1
(0.8)
(0.3)
0.13
±0.05
0.22
±0.05
0.5


Similar Part No. - BDJ0851HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0851HFV ROHM-BDJ0851HFV Datasheet
272Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
BDJ0851HFV-TR ROHM-BDJ0851HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results

Similar Description - BDJ0851HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com