Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDJ0601HFV Datasheet(PDF) 4 Page - Rohm

Part # BDJ0601HFV
Description  Low current Thermostat Output Temperature Sensor ICs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDJ0601HFV Datasheet(HTML) 4 Page - Rohm

  BDJ0601HFV Datasheet HTML 1Page - Rohm BDJ0601HFV Datasheet HTML 2Page - Rohm BDJ0601HFV Datasheet HTML 3Page - Rohm BDJ0601HFV Datasheet HTML 4Page - Rohm BDJ0601HFV Datasheet HTML 5Page - Rohm BDJ0601HFV Datasheet HTML 6Page - Rohm BDJ0601HFV Datasheet HTML 7Page - Rohm BDJ0601HFV Datasheet HTML 8Page - Rohm BDJ0601HFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Technical Note
4/9
BDJ□□□1HFV Series
www.rohm.com
2011.07 - Rev.D
© 2011 ROHM Co., Ltd. All rights reserved.
Package Outlines ( HVSOF5 )
Block Diagram
HVSOF5(UNIT:mm)
Lot No.
MARKING
GND
Vtemp
PD
VRef
TEMP
SENSOR
VDD
OS
IRef
+
-
1
2
3
5
4
PD
Please adjust Capacitor by the noise
condition of the set.
0.1µF
Please adjust bypass Capacitor
by the noise condition of the
set.
1µF
Please pull-up over 10kΩ
for OS output terminal.


Similar Part No. - BDJ0601HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
272Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function BDJ 1HFV Series
BDJ0601HFV-TR ROHM-BDJ0601HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
More results

Similar Description - BDJ0601HFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0800HFV ROHM-BDJ0800HFV Datasheet
1Mb / 17P
   Temperature Sensor ICs Low Current Thermostat Output
BDJ0901HFV-TR ROHM-BDJ0901HFV-TR Datasheet
1Mb / 17P
   Temperature Sensor ICs Low current Thermostat Output
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0600AHFV ROHM-BDJ0600AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJXXX0HFV ROHM-BDJXXX0HFV Datasheet
279Kb / 10P
   Thermostat Output Temperature Sensor ICs with Power Down Function
BDE0600G ROHM-BDE0600G Datasheet
289Kb / 9P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE0900G-TR ROHM-BDE0900G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
BDE1000G-TR ROHM-BDE1000G-TR Datasheet
417Kb / 11P
   Thermostat Output Temperature ICs with Variable Detection Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com