Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCR470G85 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # DCR470G85
Description  Phase Control Thyristor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

DCR470G85 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  DCR470G85 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 7Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 8Page - Shenzhen Luguang Electronic Technology Co., Ltd DCR470G85 Datasheet HTML 9Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Phase Control Thyristor
Preliminary Information
FEATURES
Double Side Cooling
High Surge Capability
APPLICATIONS
High Power Drives
High Voltage Power Supplies
Static Switches
VOLTAGE RATINGS
Part and
Ordering
Number
Repetitive Peak
Voltages
VDRM and VRRM
V
Conditions
Tvj = -40°C to 125°C,
IDRM = IRRM = 50mA,
VDRM, VRRM tp = 10ms,
VDSM & VRSM =
VDRM & VRRM + 100V
respectively
Lower voltage grades available.
ORDERING INFORMATION
When ordering, select the required part number
shown in the Voltage Ratings selection table.
For example:
DCR960G26
Note: Please use the complete part number when ordering
and quote this number in any future correspondence
relating to your order.
KEY PARAMETERS
VDRM
2600V
IT(AV)
960A
ITSM
13000A
dV/dt*
1500V/µs
dI/dt
500A/µs
* Higher dV/dt selections available
Outline type code: G
(See Package Details for further information)
Fig. 1 Package outline
DCR960G26
High Power Semiconductor Devices
DCR960G28
DCR960G26
DCR960G24
2800
2600
2400


Similar Part No. - DCR470G85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR470G85 DYNEX-DCR470G85 Datasheet
195Kb / 10P
   Phase Control Thyristor
DCR470G85 DYNEX-DCR470G85 Datasheet
429Kb / 10P
   Phase Control Thyristor
DCR470G85 DYNEX-DCR470G85_10 Datasheet
429Kb / 10P
   Phase Control Thyristor
DCR470G85 DYNEX-DCR470G85_15 Datasheet
516Kb / 10P
   Phase Control Thyristor
More results

Similar Description - DCR470G85

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
DCR1279SD DYNEX-DCR1279SD Datasheet
71Kb / 9P
   Phase Control Thyristor
DCR1575SY DYNEX-DCR1575SY Datasheet
109Kb / 8P
   Phase Control Thyristor
DCR1673SZ DYNEX-DCR1673SZ Datasheet
118Kb / 8P
   Phase Control Thyristor
DCR1020SF DYNEX-DCR1020SF Datasheet
187Kb / 10P
   Phase Control Thyristor
DCR1478SY DYNEX-DCR1478SY Datasheet
111Kb / 8P
   Phase Control Thyristor
DCR1596SW DYNEX-DCR1596SW Datasheet
176Kb / 10P
   Phase Control Thyristor
logo
Power Semiconductors
AT1228 POSEICO-AT1228 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT607 POSEICO-AT607 Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT875LT POSEICO-AT875LT Datasheet
44Kb / 4P
   PHASE CONTROL THYRISTOR
AT603 POSEICO-AT603 Datasheet
36Kb / 3P
   PHASE CONTROL THYRISTOR
logo
Dynex Semiconductor
DCR370T18 DYNEX-DCR370T18_15 Datasheet
696Kb / 9P
   Phase Control Thyristor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com