Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B0524XT-1WR2 Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # B0524XT-1WR2
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE OUTPUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

B0524XT-1WR2 Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  B0524XT-1WR2 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. B0524XT-1WR2 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. B0524XT-1WR2 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. B0524XT-1WR2 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. B0524XT-1WR2 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
B_XT-1WR2
A/0-2012
Page 4 of 5
OUTLINE DIMENSIONS, RECOMMENDED FOOTPRINT & PACKAGING
1
2
4
5
Vin
G ND
+Vo
0V
NC
8
6.70 [0.264]
9.50
[0.374]
4.72 [0.186]
15.10 [0.594]
10.70 [0.421]
100.00 [3.937]
29.40 [1.157]
0.50 [0.020]
7.35 [0.289]
11.60 [0.457]
16.00 [0.630]
11.50 [0.453]
1.75 [0.069]
2.00 [0.079]
1.50 [0.059]
1.50 [0.059]
21.50 [0.846]
13.00 [0.512]
10.50
[0.413]
NC:No Connection
FOOTPRINT DETAILS
Pin
Note:
Unit: mm[inch]
Pin section tolerances:
± 0.10mm[± 0.004inch]
General tolerances:
± 0.25mm[± 0.010inch]
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
Function
Note: grid 2.54*2.54mm.
Note:
Unit: mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch]
: 40pcs
L=220mm[8.661inch]
: 15pcs
Short tube inner packaging dimensions:L*W*H=255*170*80mm
Short tube outer packaging dimensions(with six inner packaging):
L*W*H=375*280*270mm
Long tube inner packaging dimensions:L*W*H=580*200*100mm
Long tube outer packaging dimensions(with two inner packaging):
L*W*H=600*215*220mm
Long tube outer packaging dimensions(with three inner packaging):
L*W*H=600*215*325mm
Devices per tube quantity
Devices per tube quantity
Note:
Unit: mm[inch]
General tolerances:
±0.50mm[±0.020inch]
per reel of packing quantity: 500pcs
Inner packaging dimensions: L*W*H=365*350*105mm
Tube quantity:2000pcs
Outer packaging dimensions: L*W*H=365*350*105mm
Tube quantity:4000pcs
TUBE OUTLINE DIMENSIONS
REEL PACKING OUTLINE DIMENSIONS
Taping dimension:
Taping reel dimension:
5
°max
0.88 [0.035]
0.25 [0.010]
7.00 [0.276]
0.25 [0.010]
11.20 [0.441]
8.30 [0.327]
12.70 [0.500]
12
4
5
8
A
A
2.54 [0.100]
0.60 [0.024]
7.62
[0.300]
(Front View)
(Top View)
(Side View)
1.70 [0.067]
10.50 [0.413]
1.00 [0.039]
4
5
2
1
8
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin and Capacitor Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load. If
the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load.
2) Overload Protection
Under normal operating conditions, the output circuit of these products has no protection against overload. The simplest method is to add a circuit
breaker to the circuit.


Similar Part No. - B0524XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0524XT-1WR2 MORNSUN-B0524XT-1WR2 Datasheet
306Kb / 4P
   DC/DC Converter
B0524XT-1WR2 MORNSUN-B0524XT-1WR2 Datasheet
241Kb / 5P
   DC/DC Converter
More results

Similar Description - B0524XT-1WR2

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303S-1WR2 MORNSUN-B0303S-1WR2 Datasheet
1Mb / 6P
   1W, Fixed input voltage, isolated & unregulated single output
B0550LD-1WR2 MORNSUN-B0550LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
logo
RSG Electronic Componen...
RT1-S10D1WR RSG-RT1-S10D1WR Datasheet
817Kb / 5P
   1W fixed input voltage isolated & unregulated single output
logo
MORNSUN Science& Techno...
B0503XT-1WR3 MORNSUN-B0503XT-1WR3 Datasheet
677Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
F0503N-1WR3 MORNSUN-F0503N-1WR3 Datasheet
748Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
H0503S-1W MORNSUN-H0503S-1W Datasheet
1,014Kb / 5P
   1W, FIXED INPUT, ISOLATED & UNREGULATED SINGLE / DUAL OUTPUT
B0560LD-1WR2 MORNSUN-B0560LD-1WR2 Datasheet
663Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
B0503S-1WR3 MORNSUN-B0503S-1WR3 Datasheet
771Kb / 5P
   1W, Fixed input voltage, isolated & unregulated single output
CF0505XT-1WR3 MORNSUN-CF0505XT-1WR3 Datasheet
600Kb / 3P
   1W, Fixed input voltage, isolated & unregulated single output
B0560LS-1WR2 MORNSUN-B0560LS-1WR2 Datasheet
942Kb / 4P
   1W, Fixed input voltage, isolated & unregulated single output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com