Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1215(X)T-1W Datasheet(PDF) 4 Page - MORNSUN Science& Technology Ltd.

Part # A1215(X)T-1W
Description  1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL OUTPUT DC-DC CONVERTER ULTRAMINIATURE SMD PACKAGE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

A1215(X)T-1W Datasheet(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  A1215(X)T-1W Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. A1215(X)T-1W Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. A1215(X)T-1W Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. A1215(X)T-1W Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. A1215(X)T-1W Datasheet HTML 5Page - MORNSUN Science& Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
A_(X)T-1W
B/2-2012
Page 4 of 5
OUTLINE DIMENSIONS、RECOMMENDED FOOTPRINT & PACKAGING
Pin
1
2
4
5
7
10
3,6,8 ,9
NC:No Con nection
A_XT-1W
A_T-1W
10
6.50 [0.256]
0.25 [0.010]
0.60 [0.024]
6.25 [0.246]
15.24 [0.600]
10.16[0.400]
2.54[0.100]
7.50 [0.295]
11.20 [0.441]
0.25 [0.010]
1.35 [0.053]
5 max
8.50 [0.335]
14.10 [0.555]
8.90 [0.350]
6.50 [0.256]
7.40 [0.291]
4.30 [0.169]
14.10 [0.555]
1.00 [0.039]
2.54 [0.100]
2.54 [0.100]
2.10 [0.083]
6
7
8
10
9
5
4
3
1
2
7
5
4
1
2
2.00 [0.079]
1.75 [0.069]
11.50 [0.453]
0.50 [0.020]
7.35 [0.289]
16.00[0.630]
11.60[0.457]
∅100.00 [3.937]
29.40 [1.157]
7
8
109
4
3
1
2
6
5
A_T-1W
GND
Vin
0V
-Vo
+Vo
NC
NC
A_XT-1W
GND
Vin
0V
-Vo
+Vo
NC
No Pin
∅1.50 [0.059]
∅1.50 [0.059]
∅21.50 [0.846]
∅13.00 [0.512]
A
A
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TUBE OUTLINE DIMENSIONS
REEL PACKING OUTLINE DIMENSIONS
(Top View)
(Side View)
No te:
Un it:mm [inch]
Pin s ec tio n to le ran ces :
± 0.10mm[ ± 0.004inch]
Gene ra l to le ran ces:
± 0.25mm[ ± 0.010inch]
Note:
Unit :mm[inch]
General tolerances:
±0.50mm[±0.020inch]
L=530mm[20.866inch] Devices per tube quantity : 33pcs
L=220mm[8.661inch]
Devices per tube quantity: 12pcs
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
FOOTPRINT DETAILS
Taping dimension:
Taping reel dimension:
Note:
Unit: mm[inch]
General tolerances:
±0.50mm[±0.020inch]
per reel of packing quantity: 500pcs
Inner packaging dimensions: L*W*H=365*350*105mm Tube quantity:2000pcs
Outer packaging dimensions: L*W*H=365*350*105mm Tube quantity:4000pcs
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin and Cin to simulate source impedance.
DC
Cin
Lin
DC
Load
Oscilloscope
Current
Probe
Lin(4.7
µH)
Cin(220
µF, ESR < 1.0Ω at 100 KHz)
DESIGN & APPLY CONSIDERATIONS
1) Requirement on output load
To ensure this module can operate efficiently and reliably, During operation, the minimum output load could not be less than 10% of the full load.
If the actual output power is very small, please connect a resistor with proper resistance at the output end in parallel to increase the load, or use our
company
’s products with a lower rated output power (A_(X)T-W2 series).


Similar Part No. - A1215(X)T-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A1215(X)T-1W MORNSUN-A1215(X)T-1W Datasheet
164Kb / 4P
   DC/DC Converter
More results

Similar Description - A1215(X)T-1W

ManufacturerPart #DatasheetDescription
logo
Crystek Corporation
D050505T-1W CRYSTEKCRYSTAL-D050505T-1W_12 Datasheet
292Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2T8A GAPTEC-2T8A Datasheet
1Mb / 4P
   2W- Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated ULTRAMINIATURE SMD PACKAGE
logo
Microdc power Technolog...
2D-NXT MICRODC-2D-NXT Datasheet
582Kb / 4P
   2W, FIXED INPUT, ISOLATED & UNREGULATED TWIN OUTPUT ULTRAMINIATURE SMD PACKAGE DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1T10A-3UP GAPTEC-1T10A-3UP Datasheet
823Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1T10A GAPTEC-1T10A Datasheet
800Kb / 4P
   1W - Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
RSG Electronic Componen...
B0303XT-1W RSG-B0303XT-1W Datasheet
206Kb / 2P
   1W,FIXED INPUT, ISOLATED & UNREGULATED single OUTPUT, SMD DC-DC CONVERTER
logo
Crystek Corporation
F0505T-1W CRYSTEKCRYSTAL-F0505T-1W_10 Datasheet
327Kb / 3P
   1W, FIXED INPUT, ISOLATED & UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
1S7E GAPTEC-1S7E Datasheet
1Mb / 5P
   1W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7E-3UP GAPTEC-1S7E-3UP Datasheet
1Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
1S7B GAPTEC-1S7B Datasheet
2Mb / 4P
   1W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com