Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS781330220DRVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS781330220DRVR
Description  150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS781330220DRVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS781330220DRVR Datasheet HTML 7Page - Texas Instruments TPS781330220DRVR Datasheet HTML 8Page - Texas Instruments TPS781330220DRVR Datasheet HTML 9Page - Texas Instruments TPS781330220DRVR Datasheet HTML 10Page - Texas Instruments TPS781330220DRVR Datasheet HTML 11Page - Texas Instruments TPS781330220DRVR Datasheet HTML 12Page - Texas Instruments TPS781330220DRVR Datasheet HTML 13Page - Texas Instruments TPS781330220DRVR Datasheet HTML 14Page - Texas Instruments TPS781330220DRVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Time(20ms/div)
V
=5.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
LoadCurrent
Enable
0V
Time(1ms/div)
LoadCurrent
V
=0.0Vto5.5V
IN
V
=2.2V
OUT
I
=100mA
OUT
C
=10 F
m
OUT
V
SET
V
IN
V
OUT
0A
0V
1V/div
Time(200 s/div)
m
V
=4.0Vto4.5V
IN
V
=2.2V
OUT
I
=150mA
OUT
SlewRate=1V/ s
m
V
IN
V
OUT
1V/div
Time(200 s/div)
m
V
=4.0Vto4.5V
IN
V
=3.3V
OUT
I
=150mA
OUT
SlewRate=1V/ s
m
V
IN
V
OUT
Time(5ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=0mAto10mA
OUT
C
=10 F
m
OUT
V
OUT
Enable
V
IN
0A
Time(2ms/div)
Load
Current
V
=5.5V
IN
V
=3.3V
OUT
I
=0mAto60mA
OUT
C
=10 F
m
OUT
V
IN
V
OUT
Enable
0A
TPS781 Series
www.ti.com ........................................................................................................................................................... SBVS102B – MARCH 2008 – REVISED MAY 2008
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is greater;
IOUT = 100µA, VEN = VVSET = VIN, COUT = 1µF, and CIN = 1µF, unless otherwise noted.
OUTPUT VOLTAGE vs ENABLE (SLOW RAMP)
INPUT VOLTAGE vs DELAY TO OUTPUT
TPS781330220
TPS781330220
Figure 37.
Figure 38.
LINE TRANSIENT RESPONSE
LINE TRANSIENT RESPONSE
TPS781330220
TPS781330220
Figure 39.
Figure 40.
LOAD TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
TPS781330220
TPS781330220
Figure 41.
Figure 42.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS781330220DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS781330220DRVR TI1-TPS781330220DRVR Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
More results

Similar Description - TPS781330220DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS781 TI-TPS781_15 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS781 TI1-TPS781_16 Datasheet
1Mb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 1mA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_10 Datasheet
859Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780 Datasheet
896Kb / 24P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_09 Datasheet
885Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780_0805 TI-TPS780_0805 Datasheet
872Kb / 27P
[Old version datasheet]   150mA, Low-Dropout Regulator, Ultralow-Power, IQ 500nA with Pin-Selectable, Dual-Level Output Voltage
TPS780 TI1-TPS780_16 Datasheet
1Mb / 37P
[Old version datasheet]   150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable, Dual-Level Output Voltage
TPS780 TI-TPS780_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPS780xx 150-mA Low-Dropout Regulator, Ultralow-Power, IQ 500 nA With Pin-Selectable,Dual-Level Output Voltage
TPS728XX TI1-TPS728XX_18 Datasheet
1Mb / 28P
[Old version datasheet]   Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
TPS728XX TI-TPS728XX_09 Datasheet
1Mb / 23P
[Old version datasheet]   200mA Low-Dropout Linear Regulator with Pin-Selectable Dual-Voltage Level Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com