Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS78225DDCTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS78225DDCTG4
Description  500nA, IQ 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS78225DDCTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS78225DDCTG4 Datasheet HTML 2Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 3Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 4Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 5Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 6Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 7Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 8Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 9Page - Texas Instruments TPS78225DDCTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
-40 -25 -10
125
110
95
80
65
50
35
20
5
T
J ( C)
°
250
200
150
100
50
0
150mA
100mA
50mA
10mA
900
800
700
600
500
400
300
200
100
0
V (V)
IN
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
T = +25 C
°
J
T = +125 C
°
J
T = +85 C
°
J
T = 40 C
-
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
6
5
4
3
2
1
0
T =+125 C
°
J
T =+85 C
°
J
T
40
-
°
J =
C
T =+25 C
°
J
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
5.6
V
(V)
IN
3
2
1
0
-1
-2
-3
T
J =+85°C
T
40
-
°
J =
C
T
J =+25°C
TPS782xx
SBVS115B – AUGUST 2008 – REVISED MAY 2010
www.ti.com
TYPICAL CHARACTERISTICS (continued)
Over the operating temperature range of TJ = –40°C to +125°C, VIN = VOUT(TYP) + 0.5V or 2.2V, whichever is
greater; IOUT = 100mA, VEN = VIN, COUT = 1mF, and CIN = 1mF, unless otherwise noted.
DROPOUT VOLTAGE vs JUNCTION TEMPERATURE
GROUND PIN CURRENT vs INPUT VOLTAGE
VOUT = 2.7V (typ), VIN = 0.95 × VOUT (typ)
IOUT = 0mA, VOUT = 3.3V
TPS78227
TPS78233
Figure 5.
Figure 6.
GROUND PIN CURRENT vs INPUT VOLTAGE
GROUND PIN CURRENT vs INPUT VOLTAGE
IOUT = 50mA, VOUT = 2.7V
IOUT = 150mA, VOUT = 2.7V
TPS78227
TPS78227
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 2008–2010, Texas Instruments Incorporated


Similar Part No. - TPS78225DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78225DDCTG4 TI-TPS78225DDCTG4 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225DDCTG4 TI1-TPS78225DDCTG4 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS78225DDCTG4 TI1-TPS78225DDCTG4 Datasheet
1Mb / 29P
[Old version datasheet]   500-nA IQ,150-mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
More results

Similar Description - TPS78225DDCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS78330 TI1-TPS78330 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX Datasheet
338Kb / 15P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS783XX TI-TPS783XX_10 Datasheet
504Kb / 17P
[Old version datasheet]   500nA IQ, 150mA, Ultra-Low Quiescent Current Low-Dropout Linear Regulator
TPS782XX TI1-TPS782XX_12 Datasheet
853Kb / 25P
[Old version datasheet]   500nA, IQ 150mA, Ultra-Low Quiescent Current
TPS782XX TI-TPS782XX Datasheet
629Kb / 18P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78223 TI-TPS78223 Datasheet
743Kb / 20P
[Old version datasheet]   150mA, Ultra-Low Quiescent Current, IQ 1mA Low-Dropout Linear Regulator
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com