Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS76901SHKJ Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS76901SHKJ
Description  ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS76901SHKJ Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS76901SHKJ Datasheet HTML 2Page - Texas Instruments TPS76901SHKJ Datasheet HTML 3Page - Texas Instruments TPS76901SHKJ Datasheet HTML 4Page - Texas Instruments TPS76901SHKJ Datasheet HTML 5Page - Texas Instruments TPS76901SHKJ Datasheet HTML 6Page - Texas Instruments TPS76901SHKJ Datasheet HTML 7Page - Texas Instruments TPS76901SHKJ Datasheet HTML 8Page - Texas Instruments TPS76901SHKJ Datasheet HTML 9Page - Texas Instruments TPS76901SHKJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TPS76901-HT
SLVS959C – JUNE 2009 – REVISED APRIL 2012
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
350
TJ = –55°C to 125°C
750
Output current limit
VO = 0 V
(1)
mA
TJ = 175°C
350
750
TJ = 210°C
505
TJ = 25°C
1
TJ = –55°C to 125°C
2
ISTDBY
Standby current
EN = VI, 5 V ≤ VI ≤ 10 V
μA
TJ = 175°C
8.8
11.85
TJ = 210°C
150
TJ = –55°C to 125°C
–1
1
IFB
FB input current
FB = 1.224 V
TJ = 175°C
0.02
μA
TJ = 210°C
0.2
VIH
High level enable input voltage
5 V
≤ VI ≤ 10 V
TJ = 25°C
1.7
V
TJ = 25°C
0.9
VIL
Low level enable input voltage
5 V
≤ VI ≤ 10 V
TJ = 175°C
0.6
V
TJ = 210°C
0.4
f = 1 kHz,
PSRR
Power supply ripple rejection
TJ = 25°C
60
dB
CO = 10
μF(3)
TJ = 25°C
–1
0
1
EN = 0 V
TJ = 175°C
0.14
TJ = 210°C
3.5
IIN
Input current
μA
TJ = 25°C
–1
1
EN = VI
TJ = 175°C
3.8
TJ = 210°C
5.5
(3)
Minimum IN operating voltage is 5V. Maximum IN voltage 10 V, minimum output current 10
μA, maximum output current 100 mA.
DEVICE INFORMATION
TERMINAL FUNCTIONS
TERMINAL
I/O
DESCRIPTION
NAME
NO.
NC
1, 5, 8
No connection
FB
2
I
Feedback voltage
EN
3
I
Enable input
GND
4
Ground
IN
6
I
Input supply voltage
OUT
7
O
Regulated output voltage
6
Submit Documentation Feedback
Copyright © 2009–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS76901-HT


Similar Part No. - TPS76901SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901SHKJ TI-TPS76901SHKJ Datasheet
879Kb / 22P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS76901SHKJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS76901-Q1 TI-TPS76901-Q1 Datasheet
243Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76912QDBVRG4Q1 TI-TPS76912QDBVRG4Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI-TPS76901 Datasheet
235Kb / 16P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901 TI1-TPS76901_16 Datasheet
893Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS769-Q1 TI-TPS769-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76930QDBVRQ1 TI1-TPS76930QDBVRQ1 Datasheet
1Mb / 22P
[Old version datasheet]   Ultralow-Power 100-mA Low-Dropout Linear Regulators
TPS76901 TI1-TPS76901_13 Datasheet
927Kb / 24P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76901-EP TI1-TPS76901-EP Datasheet
429Kb / 15P
[Old version datasheet]   ULTRALOW-POWER 100-mA LOW DROPOUT LINEAR REGULATORS
TPS78930DBVTG4 TI-TPS78930DBVTG4 Datasheet
481Kb / 20P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS78915 TI-TPS78915 Datasheet
300Kb / 16P
[Old version datasheet]   ULTRALOW-POWER LOW-NOISE 100-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com