Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS75201M-EP Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS75201M-EP
Description  FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATOR WITH RESET
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS75201M-EP Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS75201M-EP Datasheet HTML 2Page - Texas Instruments TPS75201M-EP Datasheet HTML 3Page - Texas Instruments TPS75201M-EP Datasheet HTML 4Page - Texas Instruments TPS75201M-EP Datasheet HTML 5Page - Texas Instruments TPS75201M-EP Datasheet HTML 6Page - Texas Instruments TPS75201M-EP Datasheet HTML 7Page - Texas Instruments TPS75201M-EP Datasheet HTML 8Page - Texas Instruments TPS75201M-EP Datasheet HTML 9Page - Texas Instruments TPS75201M-EP Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
TPS75201MEP
FAST TRANSIENT RESPONSE 2A LOW DROPOUT VOLTAGE REGULATOR
WITH RESET
SGLS325 − JANUARY 2006
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating junction temperature range (TJ = −55°C to
125
°C), VI = VO(typ) + 1 V, IO = 1 mA, EN = 0 V, Co = 47 µF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Output voltage
Adjustable voltage
1.5 V
≤ VO ≤ 5 V
TJ = 25°C
VO
V
Output voltage
(see Notes 1 and 3)
Adjustable voltage
1.5 V
≤ VO ≤ 5 V
0.98VO
1.02VO
V
Quiescent current (GND current) (see Note 1)
TJ = 25°C,
See Note 3
75
A
Quiescent current (GND current) (see Note 1)
See Note 3
125
µA
Output voltage line regulation (
∆VO/VO)
VO + 1 V < VI ≤ 5 V
TJ = 25°C
0.01
%/V
Output voltage line regulation (
∆VO/VO)
(see Notes 1 and 2)
VO + 1 V < VI ≤ 5 V
0.1
%/V
Load regulation (see Note 3)
1
mV
Output noise voltage
BW = 300 Hz to 50 kHz, VO = 1.5 V,
CO = 100 µF, TJ = 25°C
60
µVrms
Output current limit
VO = 0 V
3.3
4.5
A
Thermal shutdown junction temperature
150
°C
Standby current
EN = VI
TJ = 25°C
1
µA
Standby current
EN = VI
10
A
FB input current
FB = 1.5 V
−1
1
µA
High-level enable input voltage
2
V
Low-level enable input voltage
0.7
V
Power-supply ripple rejection (see Note 2)
f = 100 Hz,
TJ = 25°C,
CO = 100 µF,
IO = 2 A, See Note 1
60
dB
Minimum input voltage
for valid RESET
IO(RESET) = 300 µA,
V(RESET) ≤ 0.8 V
1
1.3
V
Trip threshold voltage
VO decreasing
92
98
%VO
Reset
Hysteresis voltage
Measured at VO
0.5
%VO
Reset
Output low voltage
VI = 2.7 V,
IO(RESET) = 1 mA
0.15
0.4
V
Leakage current
V(RESET) = 5 V
1
µA
RESET time-out delay
100
ms
NOTES:
1. Minimum IN operating voltage is 2.7 V or VO(typ) + 1 V, whichever is greater. Maximum IN voltage is 5 V.
2. If VO ≤ 1.8 V, Vimin = 2.7 V, Vimax = 5 V:
Line regulation (mV)
+ % V
V
O Vimax * 2.7 V
100
1000
If VO
2.5 V, Vimin = VO + 1 V, Vimax = 5 V:
Line regulation (mV)
+ % V
V
O Vimax * VO ) 1V
100
1000
3. IO = 1 mA to 2 A


Similar Part No. - TPS75201M-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
More results

Similar Description - TPS75201M-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS75201M TI-TPS75201M_15 Datasheet
932Kb / 28P
[Old version datasheet]   Fast-Transient-Response 2-A Low-Dropout Voltage Regulator with Reset
TPS75201QPWPQ1 TI1-TPS75201QPWPQ1 Datasheet
979Kb / 32P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
TPS75201Q TI-TPS75201Q Datasheet
379Kb / 29P
[Old version datasheet]   FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
MP20046 MPS-MP20046 Datasheet
501Kb / 14P
   Fast Transient Response, 2A Low Dropout Voltage Regulator
logo
Texas Instruments
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TPS7A7200 TI1-TPS7A7200_15 Datasheet
1Mb / 42P
[Old version datasheet]   2-A, Fast-Transient, Low-Dropout Voltage Regulator
TPS75125-EP TI1-TPS75125-EP Datasheet
698Kb / 24P
[Old version datasheet]   FAST TRANSIENT RESPONSE 15-A LOW DROPOUT VOLTAGE REGULATOR WITH POWER GOOD
TPS7A7200-EP TI-TPS7A7200-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   2-A, FAST-TRANSIENT, LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com