Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9267KUT Datasheet(PDF) 4 Page - Rohm

Part # BD9267KUT
Description  White LED Diver for Backlight of Medium/Large-sized LCDs
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9267KUT Datasheet(HTML) 4 Page - Rohm

  BD9267KUT Datasheet HTML 1Page - Rohm BD9267KUT Datasheet HTML 2Page - Rohm BD9267KUT Datasheet HTML 3Page - Rohm BD9267KUT Datasheet HTML 4Page - Rohm BD9267KUT Datasheet HTML 5Page - Rohm BD9267KUT Datasheet HTML 6Page - Rohm BD9267KUT Datasheet HTML 7Page - Rohm BD9267KUT Datasheet HTML 8Page - Rohm BD9267KUT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
Datasheet
4/28
BD9267KUT
TSZ02201-0F1F0C100050-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
03.Aug.2012 Rev.001
www.rohm.com
TSZ22111
15
001
Terminal No, name, and function
No.
Terminal
Function
No.
Terminal
Function
No.
Terminal
Function
No.
Terminal
Function
1
G1
CH1 NMOS gate
terminal
17
D6
CH6 NMOS drain
terminal
33
G11
CH11 NMOS gate
terminal
49
VREF5V
5V regulator output terminal
2
D1
CH1 NMOS drain
terminal
18
S6
CH6 NMOS source
terminal
34
S12
CH12 NMOS source
terminal
50
LSP
SHORT detection setting
terminal
3
S1
CH1 NMOS source
terminal
19
G7
CH7 NMOS gate
terminal
35
D12
CH12 NMOS drain
terminal
51
VCC
Power source terminal
4
G2
CH2 NMOS gate
terminal
20
D7
CH7 NMOS drain
terminal
36
G12
CH12 NMOS gate
terminal
52
STB
Enable terminal
5
D2
CH2 NMOS drain
terminal
21
S7
CH7 NMOS source
terminal
37
S13
CH13 NMOS source
terminal
53
GND
GND terminal
6
S2
CH2 NMOS source
terminal
22
G8
CH8 NMOS gate
terminal
38
D13
CH13 NMOS drain
terminal
54
COMP2
ERROR AMP output
(CH1
8)
7
G3
CH3 NMOS gate
terminal
23
D8
CH8 NMOS drain
terminal
39
G13
CH13 NMOS gate
terminal
55
COMP1
ERROR AMP output
(CH9
16)
8
D3
CH3 NMOS drain
terminal
24
S8
CH8 NMOS source
terminal
40
S14
CH14 NMOS source
terminal
56
DGND
Digital GND terminal
9
S3
CH3 NMOS source
terminal
25
S9
CH9 NMOS source
terminal
41
D14
CH14 NMOS drain
terminal
57
CS
Chip select terminal
10
G4
CH3 NMOS gate
terminal
26
D9
CH9 NMOS drain
terminal
42
G14
CH14 NMOS gate
terminal
58
CLK
Clock input terminal
11
D4
CH4 NMOS drain
terminal
27
G9
CH9 NMOS gate
terminal
43
S15
CH15 NMOS source
terminal
59
DI
DATE input terminal
12
S4
CH4 NMOS source
terminal
28
S10
CH10 NMOS source
terminal
44
D15
CH15 NMOS drain
terminal
60
DO
DATE output terminal
13
G5
CH5 NMOS gate
terminal
29
D10
CH10 NMOS drain
terminal
45
G15
CH15 NMOS gate
terminal
61
VSYNC
VSYNC signal terminal
14
D5
CH5 NMOS drain
terminal
30
G10
CH10 NMOS gate
terminal
46
S16
CH16 NMOS source
terminal
62
HSYNC
HSYNC signal terminal
15
S5
CH5 NMOS source
terminal
31
S11
CH11 NMOS source
terminal
47
D16
CH16 NMOS drain
terminal
63
ERR_DET
Abnormal detection output
terminal
16
G6
CH6 NMOS gate
terminal
32
D11
CH11 NMOS drain
terminal
48
G16
CH16 NMOS gate
terminal
64
DVDD
Digital Power source
terminal


Similar Part No. - BD9267KUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
BD9203EFV ROHM-BD9203EFV Datasheet
190Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9204F ROHM-BD9204F Datasheet
187Kb / 5P
   Silicon Monolithic Integrated Circuit
BD9206EFV ROHM-BD9206EFV Datasheet
416Kb / 13P
   Simple Structure Constant Current Backlight Driver for LCD panels (Non-step type)
BD9206EFV-E2 ROHM-BD9206EFV-E2 Datasheet
1Mb / 21P
   Simple Structure Constant Current Backlight Driver for LCD panels
More results

Similar Description - BD9267KUT

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9271KUT ROHM-BD9271KUT Datasheet
1Mb / 38P
   White LED Diver for Backlight of Medium/Large-sized LCDs
BD9470AFM ROHM-BD9470AFM Datasheet
1Mb / 38P
   White LED driver for medium sized and large sized LCD back light
19.Oct.2013 Rev.003
BD9470AEFV ROHM-BD9470AEFV Datasheet
1Mb / 39P
   White LED driver for medium sized and large sized LCD back light
BD9488F ROHM-BD9488F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD8119FM-M ROHM-BD8119FM-M_14 Datasheet
2Mb / 31P
   White Backlight LED Driver For Medium to Large LCD Panels
BD9285F ROHM-BD9285F Datasheet
1Mb / 39P
   Boost 1channel white LED driver For large LCDs
BD9488F ROHM-BD9488F_14 Datasheet
1Mb / 42P
   Boost 1channel white LED driver For large LCDs
logo
Allegro MicroSystems
A8512 ALLEGRO-A8512 Datasheet
491Kb / 16P
   LED Backlight Driver for Medium/Large Displays
A8504 ALLEGRO-A8504 Datasheet
556Kb / 18P
   WLED/RGB Backlight Driver for Medium Size LCDs
logo
Rohm
BD9202EFS ROHM-BD9202EFS Datasheet
520Kb / 20P
   White backlight LED drivers for medium to large LCD panels (SWREG type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com