Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1T368A Datasheet(PDF) 2 Page - Sony Corporation

Part # 1T368A
Description  Variable Capacitance Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

1T368A Datasheet(HTML) 2 Page - Sony Corporation

  1T368A Datasheet HTML 1Page - Sony Corporation 1T368A Datasheet HTML 2Page - Sony Corporation 1T368A Datasheet HTML 3Page - Sony Corporation 1T368A Datasheet HTML 4Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
– 2 –
1T368A
1
2
5
10
20
50
1
2
5
10
20
50
100
Diode capacitance vs. Reverse voltage
VR – Reverse voltage [V]
Ta = 25°C
100
1
10
100
Reverse current vs. Ambient temperature
–20
0
20
40
60
80
Ta – Ambient temperature [°C]
VR = 28V
0.60
0.80
Forward voltage vs. Ambient temperature
–20
0
20
40
60
80
Ta – Ambient temperature [°C]
IF = 1mA
0.70
0.50
Ta – Ambient temperature [°C]
40
50
Reverse voltage vs. Ambient temperature
–20
0
20
40
60
80
45
35
IR = 10µA


Similar Part No. - 1T368A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
1T368 SONY-1T368 Datasheet
44Kb / 4P
   Variable Capacitance Diode
More results

Similar Description - 1T368A

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com