Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74012DGKR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74012DGKR
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74012DGKR Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74012DGKR Datasheet HTML 7Page - Texas Instruments TPS74012DGKR Datasheet HTML 8Page - Texas Instruments TPS74012DGKR Datasheet HTML 9Page - Texas Instruments TPS74012DGKR Datasheet HTML 10Page - Texas Instruments TPS74012DGKR Datasheet HTML 11Page - Texas Instruments TPS74012DGKR Datasheet HTML 12Page - Texas Instruments TPS74012DGKR Datasheet HTML 13Page - Texas Instruments TPS74012DGKR Datasheet HTML 14Page - Texas Instruments TPS74012DGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Time(10 s/div)
m
V
OUT
I
OUT
I
=50mA
OUT
I
=1.5A
OUT
V
=3.3V
V
=1.8V
V
=1.0V
C
=2.2- FCeramic
BIAS
IN
OUT
OUT
m
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
-
40
125
Temperature( C)
°
-
25
20
5
-
10
35
110
Off
On
95
80
65
50
V
=5V
V
=2.5V
BIAS
IN
Time(500 s/div)
m
V
OUT
V
BIAS
V
=3.3V
BIAS
V
=5.5V
BIAS
V
=1.8V
V
=1.0V
C
=2.2- FCeramic
I
=1.5A
IN
OUT
OUT
OUT
m
Time(500 s/div)
m
V
OUT
V
IN
V
=1.8V
IN
V
=5.5V
IN
V
=3.3V
V
=1.0V
C
=2.2- FCeramic
I
=1.5A
BIAS
OUT
OUT
OUT
m
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VIN = 2.5 V, VBIAS = 5.0 V, VOUT(target) = 1.5 V, VEN = VBIAS, CIN = 2.2 μF, CBIAS = 2.2 μF, and COUT = 10 μF,
unless otherwise noted.
ENABLE THRESHOLD vs TEMPERATURE
LOAD TRANSIENT RESPONSE
Figure 27.
Figure 28.
BIAS VOLTAGE LINE TRANSIENT RESPONSE
INPUT VOLTAGE LINE TRANSIENT RESPONSE
Figure 29.
Figure 30.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS740xx


Similar Part No. - TPS74012DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74012DGKR TI1-TPS74012DGKR Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74012DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com