Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74012DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74012DGKR
Description  1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74012DGKR Datasheet(HTML) 1 Page - Texas Instruments

  TPS74012DGKR Datasheet HTML 1Page - Texas Instruments TPS74012DGKR Datasheet HTML 2Page - Texas Instruments TPS74012DGKR Datasheet HTML 3Page - Texas Instruments TPS74012DGKR Datasheet HTML 4Page - Texas Instruments TPS74012DGKR Datasheet HTML 5Page - Texas Instruments TPS74012DGKR Datasheet HTML 6Page - Texas Instruments TPS74012DGKR Datasheet HTML 7Page - Texas Instruments TPS74012DGKR Datasheet HTML 8Page - Texas Instruments TPS74012DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
100
90
80
70
60
50
40
30
20
10
0
0
0.5
1.0
I
(A)
OUT
1.5
+125 C
°
+25 C
°
-
°
40 C
DropoutVoltage
TPS74001
GND
FB
IN
OUT
BIAS
V
IN
R
2
R
1
C
OUT
C
IN
V
BIAS
C
BIAS
V
OUT
TypicalApplicationCircuit(Adjustable)
TPS740xx
www.ti.com
SBVS091C
– JUNE 2011 – REVISED DECEMBER 2011
1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
1
FEATURES
DESCRIPTION
The TPS740xx is a wide bandwidth, very low-dropout,
23
Small Consumption Current: 3 mA Maximum
1.5-A
voltage
regulator
ideal
for
powering
Input Voltage Range:
microprocessors.
– VIN: 1.2 V to 6.0 V
The TPS740xx uses a bias input supply to allow very
– VBIAS: 2.9 V to 6.0 V
low voltage of a main input supply. The main input
Stable with Any Output Capacitance:
≥ 2.2 μF
supply operates from 1.2 V to 6.0 V and the bias
input supply requires between 3.0 V to 6.0 V for
±1% Initial Accuracy
proper operation. The TPS740xx offers adjustable
Maximum Dropout Voltage (VIN – VOUT):
output voltages down to 0.9 V.
300 mV Over Temperature
The
TPS740xx
requires
a
minimum
of
output
Adjustable Output Voltage: Down to 0.9 V
capacitance. A small 2.2-
μF ceramic capacitor is
Ultra-Fast Transient Response
enough for its stability.
Excellent Line and Load Regulation
The TPS740xx is available in an 8-pin power MSOP
Logic-Controlled Shutdown Option
package and a 5-pin Jr S-PAK. Its operating
temparature range is
–40°C to +125°C.
Thermal Shutdown and Current Limit
Protection
Power 8-Pin Mini Small-Outline Package
(MSOP) and Jr S-PAK
™ packages.
Junction Temperature Range:
–40°C to +125°C
APPLICATIONS
Graphics Processors
PC Add-In Cards
Microprocessors
Low-Voltage Digital ICs
High-Efficiency Linear Power Supplies
Switch-Mode Power-Supply Post Regulation
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Jr S-PAK is a trademark of Texas Instruments Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS74012DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74012DGKR TI1-TPS74012DGKR Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
More results

Similar Description - TPS74012DGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS740XX TI1-TPS740XX Datasheet
539Kb / 23P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
JUNE2011
TPS740XX TI1-TPS740XX_15 Datasheet
910Kb / 24P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
TPS74012 TI-TPS74012_15 Datasheet
957Kb / 26P
[Old version datasheet]   1.5-A, Low-Voltage LDO Regulator with Dual Input Voltages
logo
Micrel Semiconductor
MIC49300 MICREL-MIC49300 Datasheet
68Kb / 8P
   3.0A LOW VOLTAGE LDO REGULATOR W/DUAL INPUT VOLTAGES
MIC49300 MICREL-MIC49300_05 Datasheet
597Kb / 8P
   3.0A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150 Datasheet
94Kb / 12P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49150 MICREL-MIC49150_06 Datasheet
344Kb / 13P
   1.5A Low Voltage LDO Regulator w/Dual Input Voltages
MIC49200 MICREL-MIC49200 Datasheet
324Kb / 12P
   2A LOW VOLTAGE LDO WITH DUAL INPUT VOLTAGES
MIC37150 MICREL-MIC37150 Datasheet
146Kb / 10P
   1.5 A LOW VOLTAGE UCAP LDO REGULATOR
MIC47300 MICREL-MIC47300 Datasheet
441Kb / 11P
   3A, Low Voltage, Adjustable LDO Regulator with Dual Input Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com