Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74401-EP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401-EP
Description  3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401-EP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS74401-EP Datasheet HTML 3Page - Texas Instruments TPS74401-EP Datasheet HTML 4Page - Texas Instruments TPS74401-EP Datasheet HTML 5Page - Texas Instruments TPS74401-EP Datasheet HTML 6Page - Texas Instruments TPS74401-EP Datasheet HTML 7Page - Texas Instruments TPS74401-EP Datasheet HTML 8Page - Texas Instruments TPS74401-EP Datasheet HTML 9Page - Texas Instruments TPS74401-EP Datasheet HTML 10Page - Texas Instruments TPS74401-EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
-
0.1
0
10
20
30
40
I
(mA)
OUT
50
+125 C
°
+25 C
°
-
40 C
°
ReferredtoI
=50mA
OUT
0.050
0.025
0
-
0.025
-
0.050
-
0.075
-
0.100
-
0.125
-
0.150
50
500
1000
1500
2000
2500
I
(mA)
OUT
3000
+125 C
°
+25 C
°
-
°
40 C
ReferredtoI
=50mA
OUT
0.05
0.04
0.03
0.02
0.01
0
-
0.01
-
0.02
-
0.03
-
0.04
-
0.05
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
V
V
-
IN
OUT (V)
4.5
T = 40
-
°
J
C
T
J =+25°C
T
J =+125°C
0
500
1000
1500
2000
2500
I
(mA)
OUT
3000
200
150
100
50
0
+125 C
°
+25 C
°
-
°
40 C
300
250
200
150
100
50
0
0.9
1.4
1.9
2.4
2.9
3.4
V
V
-
BIAS
OUT (V)
3.9
+125 C
°
+25 C
°
-
°
40 C
I
=3.0A
OUT
200
180
160
140
120
100
80
60
40
20
0
0.9
1.4
1.9
2.4
2.9
3.4
V
V
-
BIAS
OUT (V)
3.9
+125 C
°
+25 C
°
-
40°C
I
=1.5A
OUT
TPS74401-EP
www.ti.com
SBVS122B – MARCH 2010 – REVISED SEPTEMBER 2010
TYPICAL CHARACTERISTICS
At TJ = +25°C, VOUT = 1.5 V, VIN = VOUT(TYP) + 0.3 V, VBIAS = 3.3 V, IOUT = 50 mA, CIN = 1 mF, CBIAS = 1 mF, CSS = 0.01 mF, and COUT = 10
mF, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION
Figure 3.
Figure 4.
VIN DROPOUT VOLTAGE vs
LINE REGULATION
IOUT AND TEMPERATURE (TJ)
Figure 5.
Figure 6.
VIN DROPOUT VOLTAGE vs
VIN DROPOUT VOLTAGE vs
VBIAS – VOUT AND TEMPERATURE (TJ)
VBIAS – VOUT AND TEMPERATURE (TJ)
Figure 7.
Figure 8.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS74401-EP


Similar Part No. - TPS74401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com