Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS74401-EP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS74401-EP
Description  3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS74401-EP Datasheet(HTML) 3 Page - Texas Instruments

  TPS74401-EP Datasheet HTML 1Page - Texas Instruments TPS74401-EP Datasheet HTML 2Page - Texas Instruments TPS74401-EP Datasheet HTML 3Page - Texas Instruments TPS74401-EP Datasheet HTML 4Page - Texas Instruments TPS74401-EP Datasheet HTML 5Page - Texas Instruments TPS74401-EP Datasheet HTML 6Page - Texas Instruments TPS74401-EP Datasheet HTML 7Page - Texas Instruments TPS74401-EP Datasheet HTML 8Page - Texas Instruments TPS74401-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
TPS74401-EP
www.ti.com
SBVS122B – MARCH 2010 – REVISED SEPTEMBER 2010
ABSOLUTE MAXIMUM RATINGS
(1)
At TJ = –55°C to +125°C, unless otherwise noted. All voltages are with respect to GND.
UNIT
VIN, VBIAS
Input voltage range
–0.3 to +6
V
VEN
Enable voltage range
–0.3 to +6
V
VPG
Power-good voltage range
–0.3 to +6
V
IPG
PG sink current
0 to +1.5
mA
VSS
SS pin voltage range
–0.3 to +6
V
VFB
Feedback pin voltage range
–0.3 to +6
V
VOUT
Output voltage range
–0.3 to VIN + 0.3
V
IOUT
Maximum output current
Internally limited
Output short circuit duration
Indefinite
TJ
Operating junction temperature range
–55 to +125
°C
TSTG
Storage junction temperature range
–65 to +150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these conditions is not implied. Exposure to absolute-maximum-rated conditions for
extended periods may affect device reliability.
THERMAL INFORMATION
TPS74401-EP
THERMAL METRIC(1)(2)
UNITS
RGW (20 PINS)
qJA
Junction-to-ambient thermal resistance
36.3
qJCtop
Junction-to-case (top) thermal resistance
34.3
qJB
Junction-to-board thermal resistance
10.8
°C/W
yJT
Junction-to-top characterization parameter
0.3
yJB
Junction-to-board characterization parameter
11.9
qJCbot
Junction-to-case (bottom) thermal resistance
2.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS74401-EP


Similar Part No. - TPS74401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401-EP TI1-TPS74401-EP Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74401KTWTG3 TI-TPS74401KTWTG3 Datasheet
1Mb / 29P
[Old version datasheet]   3.0A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
logo
Mitsumi Electronics, Co...
MM3478 MITSUMI-MM3478 Datasheet
257Kb / 20P
   500mA LDO with soft-start
MM3479 MITSUMI-MM3479 Datasheet
185Kb / 20P
   1A LDO with soft-start
MM3526 MITSUMI-MM3526 Datasheet
2Mb / 22P
   500mA LDO with soft-start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com