Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73619DRBTG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS73619DRBTG4
Description  400mA Low-Dropout Regulator for C2000?
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73619DRBTG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73619DRBTG4 Datasheet HTML 1Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 2Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 3Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 4Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 5Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 6Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 7Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 8Page - Texas Instruments TPS73619DRBTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TPS73619
www.ti.com
SBVS167
– JUNE 2011
THERMAL INFORMATION
TPS73619(3)
THERMAL METRIC(1)(2)
DRB
UNITS
8 PINS
θJA
Junction-to-ambient thermal resistance(4)
47.8
θJCtop
Junction-to-case (top) thermal resistance(5)
83
θJB
Junction-to-board thermal resistance(6)
N/A
°C/W
ψJT
Junction-to-top characterization parameter(7)
2.1
ψJB
Junction-to-board characterization parameter(8)
17.8
θJCbot
Junction-to-case (bottom) thermal resistance(9)
12.1
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology as
specified in the JESD51 series. The following assumptions are used in the simulations:
(a) The exposed pad is connected to the PCB ground layer through a 2x2 thermal via array.
(b) The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in
× 3in copper area. To
understand the effects of the copper area on thermal performance, see the Power Dissipation section of this data sheet.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter,
ψJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter,
ψJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain
θJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright
© 2011, Texas Instruments Incorporated
3


Similar Part No. - TPS73619DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73619DRBTG4 TI-TPS73619DRBTG4 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73619DRBTG4 TI-TPS73619DRBTG4 Datasheet
1Mb / 32P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73619DRBTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73219 TI1-TPS73219 Datasheet
511Kb / 20P
[Old version datasheet]   250mA Low-Dropout Regulator for C2000?
TPS73734 TI1-TPS73734 Datasheet
677Kb / 21P
[Old version datasheet]   1A, Low-Dropout Voltage Regulator for C2000?
TPS73534 TI1-TPS73534 Datasheet
728Kb / 19P
[Old version datasheet]   500mA, Low-Dropout Voltage Regulator for C2000?
REG113-25 TI1-REG113-25 Datasheet
748Kb / 20P
[Old version datasheet]   400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G940T21 GMT-G940T21 Datasheet
185Kb / 8P
   3.7V 400mA Low Dropout Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
   400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
   400mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG113 TI-REG113_07 Datasheet
520Kb / 20P
[Old version datasheet]   DMOS 400mA Low-Dropout Regulator
logo
Global Mixed-mode Techn...
G930 GMT-G930 Datasheet
196Kb / 8P
   3.5V 400mA Low Dropout Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
   400mA Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com