Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73719QDRBRQ1 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73719QDRBRQ1
Description  1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73719QDRBRQ1 Datasheet(HTML) 5 Page - Texas Instruments

  TPS73719QDRBRQ1 Datasheet HTML 1Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 2Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 3Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 4Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 5Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 6Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 7Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 8Page - Texas Instruments TPS73719QDRBRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
IN
NC
NC
EN
8
7
6
5
OUT
NC
NR/FB
GND
1
2
3
4
DRB PACKAGE
3mm x 3mm SON
(TOP VIEW)
NC – No internal connection
TPS73719-Q1
TPS73733-Q1
www.ti.com ........................................................................................................................................................................................... SBVS123 – DECEMBER 2008
Table 1. Terminal Functions
TERMINAL
DESCRIPTION
NAME
NO.
IN
8
Unregulated input supply
GND
4, Pad
Ground
Driving the enable pin (EN) high turns on the regulator. Driving this pin low puts the regulator into shutdown
EN
5
mode. Refer to the Shutdown section under Applications Information for more details. EN must not be left
floating and can be connected to IN if not used.
Fixed voltage versions only. Connecting an external capacitor to this pin bypasses noise generated by the
NR
3
internal bandgap, reducing output noise to very low levels.
Adjustable voltage version only. This is the input to the control loop error amplifier, and it is used to set the
FB
3
output voltage of the device.
OUT
1
Regulator output. A 1.0-
µF or larger capacitor of any type is required for stability.
NC
2, 6, 7
No internal connection
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :TPS73733-Q1


Similar Part No. - TPS73719QDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719QDRBRQ1 TI1-TPS73719QDRBRQ1 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
More results

Similar Description - TPS73719QDRBRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73719-Q1 TI-TPS73719-Q1_15 Datasheet
991Kb / 22P
[Old version datasheet]   1-A LOW-DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS737 TI1-TPS737_16 Datasheet
1Mb / 38P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS73719-Q1 TI1-TPS73719-Q1_16 Datasheet
1Mb / 26P
[Old version datasheet]   1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737_15 Datasheet
1Mb / 37P
[Old version datasheet]   TPS737xx 1-A Low-Dropout Regulator With Reverse Current Protection
TPS737 TI-TPS737 Datasheet
2Mb / 40P
[Old version datasheet]   TPS737 1-A Low-Dropout Regulator With Reverse Current Protection
REVISED NOVEMBER 2023
TPS7A37 TI-TPS7A37_15 Datasheet
1,023Kb / 26P
[Old version datasheet]    1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS7A37 TI1-TPS7A37_16 Datasheet
1Mb / 31P
[Old version datasheet]   High-Accuracy, 1-A, Low-Dropout Regulator With Reverse Current Protection
TPS7A37 TI1-TPS7A37 Datasheet
1Mb / 24P
[Old version datasheet]   1% High-Accuracy, 1-A, Low-Dropout Regulator with Reverse Current Protection
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com