Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD6376GUL Datasheet(PDF) 5 Page - Rohm

Part # BD6376GUL
Description  1-2ch Lens Drivers for SLRs(Single-lens Reflex)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD6376GUL Datasheet(HTML) 5 Page - Rohm

  BD6376GUL Datasheet HTML 1Page - Rohm BD6376GUL Datasheet HTML 2Page - Rohm BD6376GUL Datasheet HTML 3Page - Rohm BD6376GUL Datasheet HTML 4Page - Rohm BD6376GUL Datasheet HTML 5Page - Rohm BD6376GUL Datasheet HTML 6Page - Rohm BD6376GUL Datasheet HTML 7Page - Rohm BD6376GUL Datasheet HTML 8Page - Rohm BD6376GUL Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/11
Datasheet
Datasheet
BD6376GUL
TSZ02201-0H3H0B600310-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
3.AUG.2012 Rev.001
www.rohm.com
TSZ22111・15・001
Typical Performance Curves (reference data)
0.0
1.0
2.0
3.0
4.0
5.0
012
34
Supply voltage : VCC [V]
0
50
100
150
200
250
300
0
200
400
600
800
1000
Output Current : IOUT [mA]
0
50
100
150
200
250
300
0
200
400
600
800
1000
Output Current : IOUT [mA]
0.0
0.5
1.0
1.5
01
2
3
4
Supply voltage : VCC [V]
Figure 3. Circuit Current(Stand-by Mode)
Figure 4. Circuit Current(Open Mode)
Figure 5. Output ON-Resistance on high-side
VM=5V, VCC=3V)
Figure 6. Output ON-Resistance on low-side
VM=5V, VCC=3V)
Operating range
(2.5V to 3.6V)
Operating range
(2.5V to 3.6V)
Top 85°C
Mid 25°C
Low -30°C
Top 85°C
Mid 25°C
Low -30°C
Top 85°C
Mid 25°C
Low -30°C
Top 85°C
Mid 25°C
Low -30°C


Similar Part No. - BD6376GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6376GUL ROHM-BD6376GUL Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD6376GUL-E2 ROHM-BD6376GUL-E2 Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
BD6376GUL ROHM-BD6376GUL_16 Datasheet
818Kb / 18P
   Single H-Bridge Driver High-Speed Switching Type
More results

Similar Description - BD6376GUL

ManufacturerPart #DatasheetDescription
logo
Rohm
BD65499MUV ROHM-BD65499MUV Datasheet
756Kb / 26P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD65491FV ROHM-BD65491FV Datasheet
366Kb / 10P
   1-2ch Lens Drivers for SLRs (Single-lens Reflex)
BD6735FV ROHM-BD6735FV_09 Datasheet
356Kb / 9P
   1 to 2ch Lens Drivers for Single-Lens Reflex Cameras
BD6373GW ROHM-BD6373GW Datasheet
479Kb / 18P
   6ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
BD6757KN ROHM-BD6757KN_09 Datasheet
412Kb / 16P
   7ch System Lens Drivers for Digital Still Cameras / Single-lens Reflex Cameras
logo
Shenzhen Huazhimei Semi...
HM8837 HMSEMI-HM8837 Datasheet
572Kb / 9P
   Digital single lens reflex (DSLR) lens
logo
Rohm
BD6370GUL ROHM-BD6370GUL Datasheet
828Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
BD6758KN-E2 ROHM-BD6758KN-E2 Datasheet
784Kb / 33P
   5ch System Lens Drivers for Digital Still Cameras
logo
Gilway Technical Lamp
4560-1 GILWAY-4560-1 Datasheet
56Kb / 1P
   T- Lens-End Lamps, T-1 Lens-End Lamps
logo
Rohm
BD6883GUL ROHM-BD6883GUL_12 Datasheet
356Kb / 17P
   System Lens Driver Series for Mobile Phone Cameras Parallel Interface Type Lens Drivers for Voice Coil Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com