Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS73115MDBVREP Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73115MDBVREP
Description  CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS73115MDBVREP Datasheet(HTML) 2 Page - Texas Instruments

  TPS73115MDBVREP Datasheet HTML 1Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 2Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 3Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 4Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 5Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 6Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 7Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 8Page - Texas Instruments TPS73115MDBVREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
www.ti.com
GND
EN
NR
IN
OUT
V
IN
V
OUT
Optional
Optional
Optional
Typical Application Circuit for Fixed-Voltage Versions
DBV PACKAGE
SOT23
(TOP VIEW)
IN
GND
EN
NR/FB
OUT
1
2
3
4
5
TPS731xx
TPS73101-EP
,, TPS73115-EP
TPS731125-EP, TPS73118-EP, TPS73125-EP, TPS73130-EP
TPS73132-EP, TPS73133-EP, TPS73150-EP
SGLS347A – JUNE 2006 – REVISED SEPTEMBER 2007
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PRODUCT INFORMATION(1)
PRODUCT
VOUT
(2)
TPS731xxMyyyzEP
XX is nominal output voltage (for example, 25 = 2.5 V, 01 = Adjustable(3)).
YYY is package designator.
Z is package quantity.
(1)
For the most current specification and package information, see the Package Option Addendum located at the end of this data sheet or
see the Texas Instruments website at www.ti.com.
(2)
Output voltages from 1.3 V to 4 V in 100 mV increments are available through the use of innovative factory EEPROM programming.
Minimum order quantities apply; contact factory for details and availability.
(3)
For fixed 1.2 V operation, tie FB to OUT
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
TPS73101MDBVREP
PKAM
TPS73115MDBVREP
PKBM
TPS731125MDBVREP
PMMM
TPS73118MDBVREP
PKCM
–55
°C to 125°C
SOT23 - DBV
TPS73125MDBVREP
PKDM
TPS73130MDBVREP
PKEM
TPS73132MDBVREP
PKFM
TPS73133MDBVREP
PKHM
TPS73150MDBVREP
PKIM
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
2
Submit Documentation Feedback
Copyright © 2006–2007, Texas Instruments Incorporated
Product Folder Link(s): TPS73101-EP TPS73115-EP TPS731125-EP TPS73118-EP TPS73125-EP TPS73130-EP
TPS73132-EP TPS73133-EP TPS73150-EP


Similar Part No. - TPS73115MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73115MDBVREP TI1-TPS73115MDBVREP Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
More results

Similar Description - TPS73115MDBVREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73115-EP TI-TPS73115-EP_15 Datasheet
503Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73101-EP TI1-TPS73101-EP_15 Datasheet
605Kb / 23P
[Old version datasheet]   CAP-FREE NMOS 150 mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73250-Q1 TI1-TPS73250-Q1 Datasheet
732Kb / 20P
[Old version datasheet]   Cap-Free, NMOS, 250-mA Low-Dropout Regulator with Reverse Current Protection
TPS732-Q1 TI1-TPS732-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Cap-Free NMOS 250-mA Low-Dropout Regulator With Reverse-Current Protection
TPS73201-EP TI1-TPS73201-EP_15 Datasheet
918Kb / 22P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-EP TI1-TPS73201-EP Datasheet
567Kb / 21P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW DROPOUT REGULATOR WITH REVERSE CURRENT PROTECTION
TPS73201-Q1 TI1-TPS73201-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CAP-FREE NMOS 250-mA LOW-DROPOUT REGULATOR WITH REVERSE-CURRENT PROTECTION
TPS736 TI-TPS736_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS736xx Cap-Free, NMOS, 400-mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com