Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS72710 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS72710
Description  250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS72710 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS72710 Datasheet HTML 2Page - Texas Instruments TPS72710 Datasheet HTML 3Page - Texas Instruments TPS72710 Datasheet HTML 4Page - Texas Instruments TPS72710 Datasheet HTML 5Page - Texas Instruments TPS72710 Datasheet HTML 6Page - Texas Instruments TPS72710 Datasheet HTML 7Page - Texas Instruments TPS72710 Datasheet HTML 8Page - Texas Instruments TPS72710 Datasheet HTML 9Page - Texas Instruments TPS72710 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
I
=10mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
2.1
2.6
3.1
3.6
4.1
4.6
5.1
5.6
V
(V)
IN
+125 C
°
+25 C
°
+85 C
°
-40 C
°
I
=200mA
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
°
+25 C
°
+85 C
°
-40 C
°
0mA
I
10mA
OUT
£
£
0
1
2
3
4
5
6
7
8
9
10
I
(mA)
OUT
1.90
1.88
1.86
1.84
1.82
1.80
1.78
1.76
1.74
1.72
1.70
+125 C
°
+25 C
°
+85 C
°
-40 C
°
0mA
I
250mA
OUT
£
£
0
25
50
75
100
125
150
175
200
225
250
I
(mA)
OUT
160
140
120
100
80
60
40
20
0
0
50
250
100
150
200
I
(mA)
OUT
+125 C
°
+25 C
°
+85 C
°
-40 C
°
+125 C
°
+25 C
°
+85 C
°
-40 C
°
160
140
120
100
80
60
40
20
0
2.25
2.75
3.25
3.75
4.25
4.75
V
(V)
IN
I
=200mA
OUT
TPS727xx
SBVS128C – JUNE 2009 – REVISED JANUARY 2011
www.ti.com
TYPICAL CHARACTERISTICS
Over operating temperature range (TJ = –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.0V, whichever is greater; IOUT = 10mA,
VEN = VIN, and COUT = 1.0mF, unless otherwise noted. Typical values are at TJ = +25°C.
LINE REGULATION
LINE REGULATION
(TPS72718)
(TPS72718)
Figure 2.
Figure 3.
LOAD REGULATION UNDER LIGHT LOADS
LOAD REGULATION
(TPS72718)
(TPS72718)
Figure 4.
Figure 5.
DROPOUT VOLTAGE vs OUTPUT CURRENT
(TPS72750)
DROPOUT VOLTAGE vs INPUT VOLTAGE
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2009–2011, Texas Instruments Incorporated


Similar Part No. - TPS72710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727105YFFR TI1-TPS727105YFFR Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727105YFFR TI-TPS727105YFFR Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
TPS727105YFFT TI1-TPS727105YFFT Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727105YFFT TI-TPS727105YFFT Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
TPS72710DSER TI-TPS72710DSER Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
More results

Similar Description - TPS72710

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS727XX TI-TPS727XX Datasheet
711Kb / 22P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727XX TI1-TPS727XX_11 Datasheet
681Kb / 23P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
JANUARY2011
TPS727XX TI-TPS727XX_1 Datasheet
546Kb / 20P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS72718DSEEVM-406 TI-TPS72718DSEEVM-406 Datasheet
841Kb / 21P
[Old version datasheet]   250mA, Ultralow IQ, Fast Transient Response, RF LOW-DROPOUT LINEAR REGULATOR
TPS727 TI1-TPS727_15 Datasheet
1Mb / 36P
[Old version datasheet]   Ultralow IQ Fast Transient Response RF Low-Dropout Linear Regulator
TPS727 TI-TPS727 Datasheet
1Mb / 37P
[Old version datasheet]   TPS727xx 250-mA, Ultralow IQ, Fast Transient Response,RF Low-Dropout Linear Regulator
TPS727 TI-TPS727_V01 Datasheet
1Mb / 36P
[Old version datasheet]   TPS727 250-mA, Ultralow IQ, Fast Transient Response, RF Low-Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS2115 ADMOS-AMS2115 Datasheet
209Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
AMS2115 ADMOS-AMS2115_07 Datasheet
213Kb / 4P
   FAST TRANSIENT RESPONSE LOW DROPOUT REGULATOR
logo
Monolithic Power System...
EVQ20056-G-00A MPS-EVQ20056-G-00A Datasheet
696Kb / 6P
   Fast Transient Response, Ultra-Small 250mA Linear Regulator EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com