Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65921BZQZ Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS65921BZQZ
Description  Power Management and USB Single Chip
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65921BZQZ Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS65921BZQZ Datasheet HTML 4Page - Texas Instruments TPS65921BZQZ Datasheet HTML 5Page - Texas Instruments TPS65921BZQZ Datasheet HTML 6Page - Texas Instruments TPS65921BZQZ Datasheet HTML 7Page - Texas Instruments TPS65921BZQZ Datasheet HTML 8Page - Texas Instruments TPS65921BZQZ Datasheet HTML 9Page - Texas Instruments TPS65921BZQZ Datasheet HTML 10Page - Texas Instruments TPS65921BZQZ Datasheet HTML 11Page - Texas Instruments TPS65921BZQZ Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
TPS65921
SWCS048F – MARCH 2010 – REVISED MARCH 2012
www.ti.com
VDD1 DCDC CONVERTER
PARAMETER
COMMENTS
MIN
TYP
MAX
UNIT
Input voltage range
2.7
3.6
4.5
V
Output voltage
0.6
1.45
V
Output voltage step
0.6 to 1.45 V
12.5
mV
Output accuracy(1)
0.6 to < 0.8 V
–6%
6%
0.8 to 1.45 V
–5%
5%
Switching frequency
3.2
MHz
IO = 10 mA, sleep
82%
100 mA < IO < 400 mA
85%
Conversion efficiency(2)
400 mA < IO < 600 mA
80%
600 mA < IO < 800 mA
75%
Active mode
1.2
A
Output voltage 0.6 V to 1.45 V
for TPS65921B/TPS65921B1
Output current
Active mode
1.4
A
Output Voltage 1.2 V to 1.45 V
for TPS65921B1
Sleep mode
10
mA
Off at 30°C
3
Ground current (IQ)
Sleep, unloaded
30
50
µA
Active, unloaded, not switching
300
Short-circuit current
VIN = VMAX
2.2
A
Load regulation
0 < IO < IMAX
20
mV
IO = 10 mA to (IMAX/3) + 10 mA,
Transient load regulation at 1.2 A(3)
–65
50
mV
maximum slew rate is IMAX/3/100 ns
Line regulation
10
mV
300 mVPP ac input, 10-μs rise and fall
Transient line regulation
10
mV
time
Start-up time
0.25
1
ms
Recovery time
From sleep to on with constant load
< 10
100
µs
Slew rate (rising or falling)(4)
4
8
16
mV/µs
Active (PWM and PSM)
–10
10
mV
Output ripple
Sleep (PFM)
–2%
2%
Current limit for PWM/PSM mode
switch. PSM is below this limit, and
Active mode
150
200
mA
PWM is above this limit.
Overshoot
Softstart
5%
Output pulldown resistance
In Off mode
500
700
Ω
(1)
Accuracy includes all variations (line and load regulations, line and load transients, temperature, and process).
(2)
VBAT = 3.6 V, VDD1 = 1.2 V, Fs = 3.2 MHz, L = 1
μH, LDCR = 100 mΩ, C = 10 μF, ESR = 10 mΩ
(3)
For negative transient load, the output voltage must discharge completely and settle to its final value within 100 ms. Transient load is
specified at Vout max with a ±50% external capacitor accuracy and includes temperature and procress variation.
(4)
Load current varies proportional to the output voltage. The slew rate is for increasing and decreasing voltages and the load current is 1.1
A.
8
Submit Documentation Feedback
Copyright © 2010–2012, Texas Instruments Incorporated
Product Folder Link(s): TPS65921


Similar Part No. - TPS65921BZQZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65921BZQZR TI-TPS65921BZQZR Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
More results

Similar Description - TPS65921BZQZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65921 TI-TPS65921_V01 Datasheet
737Kb / 66P
[Old version datasheet]   TPS65921 Power Management and USB Single Chip
logo
Nanjing Qinheng Microel...
CH5260 WCH-CH5260 Datasheet
139Kb / 3P
   USB HIgh-Power Power Management SIngle-Channel Machine
logo
Texas Instruments
BQ24260 TI1-BQ24260 Datasheet
6Mb / 57P
[Old version datasheet]   Power-Path Management and USB-OTG Support
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
logo
California Micro Device...
CMPWR160 CALMIRCO-CMPWR160 Datasheet
124Kb / 10P
   USB peripheral Power Management
logo
Texas Instruments
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24071 TI-BQ24071 Datasheet
652Kb / 26P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com