Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65530ARSLRG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS65530ARSLRG4
Description  FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65530ARSLRG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS65530ARSLRG4 Datasheet HTML 2Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 3Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 4Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 5Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 6Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 7Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 8Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 9Page - Texas Instruments TPS65530ARSLRG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
ELECTRICAL CHARACTERISTICS
TPS65530A
SLVS835C – APRIL 2008 – REVISED APRIL 2009............................................................................................................................................................ www.ti.com
0°C
≤ TJ ≤ 125°C, 1.8 V ≤ VCC2 ≤ 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
For All Circuits
ICC_Iq
VCC2 = VPS = 3.6 V, XSLEEP = AGND
1
10
µA
ICC_sleep
VCC2 = 3.6 V, VPS = 5 V, XSLEEP = AGND,
40
70
Consumption current at PS (pin 29)
ENAFE = VCC2
ICC_PWM
VCC2 = 3.6 V , VPS = 5 V, XSLEEP = VCC2,
20
30
mA
ENAFE = VCC2, EN56 = VCC2, EN7 = VCC2
ICC_Iq2
VCC2 = VPS = 3.6 V, XSLEEP = AGND
1
10
µA
ICC_sleep2
VCC2 = 3.6 V, VPS = 5 V, XSLEEP = AGND,
12
30
Consumption current at VCC2 (pin 12)
ENAFE = VCC2
ICC_PWM2
VCC2 = 3.6 V , VPS = 5 V, XSLEEP = VCC2,
0.3
1
mA
ENAFE = VCC2, EN56 = VCC2, EN7 = VCC2
TSD
Thermal shutdown temperature(2)
150
°C
V(UV_ON)
UVLO detect level
VCC2 from 0 V to 5.5 V, XSLEEP = VCC2
1.25
1.4
1.55
V
V(UV_OFF) UVLO hysteresis
VCC2 from 5.5 V to 0 V
50
100
150
mV
OSC
Internal OSC frequency
VCC2 = 3.6 V
1.35
1.5
1.65
MHz
OSC_SUB
CH5–8 switching frequency
OSC = 1.5 MHz, VPS = 5 V
750
KHz
REF output voltage
XSLEEP = VCC2
2.72
2.8
3.03
V
Iss
SS source current
S/S = AGND
6
10
14
µA
Pulldown resistance at XSLEEP,
XSLEEP = ENAFE = EN56 = EN7 = SEQ56 = 3 V
200
k
ENAFE, EN56, EN7, SEQ56
CH1
VCC1
Supply voltage
1.5
5.5
V
VOUT1
Output voltage(2)
0.9
2.5
V
VCC1 > 2.4 V, VOUT1 = 1.2 V,
IOUT1
Output current(2)
Feedback resistance: R1 = 330 k
Ω,
600
mA
R2 = 330 k
VFB1
FB1 reference voltage
No load
0.59
0.6
0.61
V
Overcurrent protection threshold
0.9
1.9
A
Overvoltage protection threshold
0.67
0.75
0.83
V
(sensing at FB1 pin)
High-side Nch FET ON resistance(3)
VPS = 5 V
320
500
m
Low-side Nch FET ON resistance(3)
VPS = 5 V
200
250
m
Trigger voltage to start CH3
0.48
V
Trigger voltage to power off LDO
0.25
V
CH2
VCC2
Supply voltage
1.5
5.5
V
VOUT2
Output voltage(2)
2.5
3.6
V
VCC2 > 2.4 V, VOUT2 = 3.3 V,
IOUT2
Output current(2)
Feedback resistance: R1 = 180 k
Ω,
600
mA
R2 = 820 k
VFB2
FB2 reference voltage
No load
0.595
0.605
0.615
V
Overcurrent protection threshold
2.6
3.3
A
Overvoltage protection threshold
0.67
0.75
0.83
V
(sensing at FB2 pin)
High-side FET
VPS = 5 V
100
210
ON resistance
Buck
m
side(3)
Low-side FET
VPS = 5 V
450
600
ON resistance
(1)
TA = 25°C
(2)
Specified by design
(3)
The value of FET ON resistance includes the resistance of bonding wire.
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): TPS65530A


Similar Part No. - TPS65530ARSLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65530RSLR TI-TPS65530RSLR Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
More results

Similar Description - TPS65530ARSLRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530_08 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
logo
Micro Electronics
T06378 MICRO-ELECTRONICS-T06378 Datasheet
179Kb / 1P
   DC TO DC CONVERTER TRANSFORMER FOR DIGITAL STILL CAMERA
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com