Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS65530A Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65530A
Description  FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65530A Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS65530A Datasheet HTML 5Page - Texas Instruments TPS65530A Datasheet HTML 6Page - Texas Instruments TPS65530A Datasheet HTML 7Page - Texas Instruments TPS65530A Datasheet HTML 8Page - Texas Instruments TPS65530A Datasheet HTML 9Page - Texas Instruments TPS65530A Datasheet HTML 10Page - Texas Instruments TPS65530A Datasheet HTML 11Page - Texas Instruments TPS65530A Datasheet HTML 12Page - Texas Instruments TPS65530A Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
TPS65530A
www.ti.com............................................................................................................................................................ SLVS835C – APRIL 2008 – REVISED APRIL 2009
ELECTRICAL CHARACTERISTICS (continued)
0°C
≤ TJ ≤ 125°C, 1.8 V ≤ VCC2 ≤ 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
CH8
TA = 25°C,
1.8
5.5
Start up (XSLEEP from AGND to VCC2)
Supply voltage(7)
V
XSLEEP = VCC2
1.5
5.5
VPS
Output voltage(7)
3.3
5.5
V
XSLEEP = H, ENAFE = AGND, No load
1.23
1.25
1.27
VFB8
FB8 reference voltage
V
CH8 operation mode: PFM mode, No load
1.2
1.25
1.35
Fixed ON time at PFM mode
VCC2 = 3.6 V
250
ns
Max duty cycle
76
85
92
%
Source impedance
VPS = 5 V, ISW = 100 mA
5
7.5
SW8LD
driver
Sink impedance
VPS = 5 V, ISW = –100 mA
1
1.5
Source impedance
VPS = 5 V, ISW = 100 mA
10
15
SW8HD
Ω
driver
Sink impedance
VPS = 5 V, ISW = –100 mA
5
7.5
Overvoltage protection threshold
1.3
1.56
1.8
V
(sensing at FB8 pin)
FBG7/8 FET ON resistance
VPS = 5 V, XSLEEP = VCC2
0.6
k
FBG7/8 leakage current
XSLEEP = AGND, ENAFE = AGND
1
µA
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS65530A


Similar Part No. - TPS65530A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530RSLR TI-TPS65530RSLR Datasheet
847Kb / 21P
[Old version datasheet]   Single-Inductor, Multiple-Output (SIMO) Regulator for AMOLED
TPS65530RSLR TI-TPS65530RSLR Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
More results

Similar Description - TPS65530A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65530 TI-TPS65530_08 Datasheet
746Kb / 28P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
TPS65530 TI-TPS65530 Datasheet
620Kb / 30P
[Old version datasheet]   FULLY INTEGRATED 8-CHANNEL DC/DC CONVERTER FOR DIGITAL STILL CAMERAS
logo
Micro Electronics
T06378 MICRO-ELECTRONICS-T06378 Datasheet
179Kb / 1P
   DC TO DC CONVERTER TRANSFORMER FOR DIGITAL STILL CAMERA
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Sanyo Semicon Device
LB8652LP SANYO-LB8652LP Datasheet
112Kb / 9P
   Driver for Digital Still Cameras
logo
Skyworks Solutions Inc.
AAT2610 SKYWORKS-AAT2610_12 Datasheet
4Mb / 31P
   Seven-Channel PMU for Digital Still Cameras
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
Advanced Analogic Techn...
AAT2610 ANALOGICTECH-AAT2610 Datasheet
5Mb / 33P
   7-Channel PMU for Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com