Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST31LF041-70-4E-WI Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST31LF041-70-4E-WI
Description  4 Mbit Flash 1 Mbit or 256 Kbit SRAM ComboMemory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST31LF041-70-4E-WI Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST31LF041-70-4E-WI Datasheet HTML 6Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 7Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 8Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 9Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 10Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 11Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 12Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 13Page - Silicon Storage Technology, Inc SST31LF041-70-4E-WI Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
Data Sheet
4 Mbit Flash + 1 Mbit or 256 Kbit SRAM ComboMemory
SST31LF041 / SST31LF041A / SST31LF043 / SST31LF043A
©2001 Silicon Storage Technology, Inc.
S71107-03-000
5/01
349
AC CHARACTERISTICS
TABLE
9: SRAM MEMORY BANK CYCLE TIMING PARAMETERS (VDD = 3.0-3.6V)
Symbol
Parameter
SST31LF041/043-70
SST31LF041A/043A-300
Units
Min
Max
Min
Max
TRCS
Read Cycle Time
70
300
ns
TBES
Bank Enable Access Time
70
300
ns
TAAS
Address Access Time
70
300
ns
TOES1
1. No TOES value for SST31LF041A/043A
Output Enable Access Time
35
150
ns
TBLZS2
2. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
BES# to Active Output
0
0
ns
TOLZS1
Output Enable to Active Output
0
0
ns
TBHZS1
BES# to High-Z Output
25
30
ns
TOHZS1
Output Disable to High-Z Output
25
30
ns
TOHS
Output Hold from Address Change
0
10
ns
T9.8 349
TABLE 10: SRAM MEMORY BANK WRITE CYCLE TIMING PARAMETERS (VDD = 3.0-3.6V)
Symbol
Parameter
SST31LF041/043-70
SST31LF041A/043A-300
Unit
Min
Max
Min
Max
TWCS
Write Cycle Time
70
300
ns
TBWS
Bank Enable to End-of-Write
60
230
ns
TAWS
Address Valid to End-of-Write
60
230
ns
TASTS
Address Set-up Time
0
0
ns
TWPS
Write Pulse Width
60
200
ns
TWRS
Write Recovery Time
0
0
ns
TDSS
Data Set-up Time
30
150
ns
TDHS
Data Hold from Write Time
0
0
ns
T10.5 349
TABLE 11: FLASH READ CYCLE TIMING PARAMETERS (VDD = 3.0-3.6V)
Symbol
Parameter
SST31LF041/043-70
SST31LF041A/043A-300
Units
Min
Max
Min
Max
TRC
Read Cycle Time
70
300
ns
TBE
Bank Enable Access Time
70
300
ns
TAA
Address Access Time
70
300
ns
TOE
Output Enable Access Time
40
150
ns
TBLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
BEF# Low to Active Output
0
0
ns
TOLZ1
OE# Low to Active Output
0
0
ns
TBHZ1
BEF# High to High-Z Output
15
60
ns
TOHZ1
OE# High to High-Z Output
15
60
ns
TOH1
Output Hold from Address Change
0
0
ns
T11.5 349


Similar Part No. - SST31LF041-70-4E-WI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041-70-4E-WI SST-SST31LF041-70-4E-WI Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
More results

Similar Description - SST31LF041-70-4E-WI

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST31LF041 SST-SST31LF041_03 Datasheet
332Kb / 26P
   4 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021_07 Datasheet
350Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST31LF021 SST-SST31LF021 Datasheet
294Kb / 24P
   2 Mbit Flash 1 Mbit SRAM ComboMemory
SST34HF324G SST-SST34HF324G Datasheet
496Kb / 30P
   32 Mbit Dual-Bank Flash 4 Mbit SRAM ComboMemory
SST30VR041 SST-SST30VR041 Datasheet
99Kb / 10P
   4 Mbit ROM 1 Mbit / 256 Kbit SRAM ROM/RAM Combo
SST34HF162G SST-SST34HF162G Datasheet
383Kb / 31P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF162C SST-SST34HF162C Datasheet
336Kb / 26P
   16 Mbit Dual-Bank Flash 2/4 Mbit SRAM ComboMemory
SST34HF3244C SST-SST34HF3244C Datasheet
778Kb / 40P
   32 Mbit Concurrent SuperFlash 4 Mbit SRAM ComboMemory
SST27SF256 SST-SST27SF256 Datasheet
268Kb / 26P
   256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST34HF1621 SST-SST34HF1621 Datasheet
486Kb / 32P
   16 Mbit Concurrent SuperFlash 2 / 4 Mbit SRAM ComboMemory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com